Electronic Components Datasheet Search
  English  ▼

X  

TF155 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TF155
Description  1.5A Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TF155 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TF155 Datasheet HTML 1Page - List of Unclassifed Manufacturers TF155 Datasheet HTML 2Page - List of Unclassifed Manufacturers TF155 Datasheet HTML 3Page - List of Unclassifed Manufacturers TF155 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
TF151 – TF157
1.5A Fast Recovery Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
1.5A Fast Recovery Rectifier
Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• High temperature soldering guaranteed 250°C/10 seconds
/.0375" (9.5mm) lead length, 5lbs (2.3kg) tension
• RoHS Compliance
Mechanical Data
Case:
DO-15, molded plastic
Epoxy:
UL 94V-0 rate flame retardant
Terminals:
Axial leads, solderable per MIL-STD-202, Method 208 guaranteed
Polarity:
Color band denotes cathode end
Weight:
0.40 gram
Maximum Ratings and Electrical Characteristics (T A=25ºC unless noted otherwise)
Symbol
Description
TF
151
TF
152
TF
153
TF
154
TF
155
TF
156
TF
157
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IAV
Maximum Average
Forward Rectified
Current
1.5
A
Ta=55 ˚C
IFSM
Peak Forward Surge
Current
60
A
8.3ms single half
sine-wave
superimposed on
rated load (JEDEC
method)
D0-15


Similar Part No. - TF155

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TF155 TAITRON-TF155 Datasheet
132Kb / 4P
1.5A Fast Recovery Rectifier
logo
MMD Components
TF155A MMD-TF155A Datasheet
51Kb / 1P
1.5mm X 5mm Cylindrical
TF155B MMD-TF155B Datasheet
51Kb / 1P
1.5mm X 5mm Cylindrical
TF155C MMD-TF155C Datasheet
51Kb / 1P
1.5mm X 5mm Cylindrical
TF155D MMD-TF155D Datasheet
51Kb / 1P
1.5mm X 5mm Cylindrical
More results

Similar Description - TF155

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
1.5A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
FR151 DIODES-FR151 Datasheet
59Kb / 2P
1.5A FAST RECOVERY RECTIFIER
DS26006 Rev. C-3
PR1501 DIODES-PR1501 Datasheet
62Kb / 2P
1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. B1-2
PR1501 DIODES-PR1501_1 Datasheet
87Kb / 3P
1.5A FAST RECOVERY RECTIFIER
DS26011 Rev. 4 - 2
logo
TAITRON Components Inco...
TUF151 TAITRON-TUF151 Datasheet
137Kb / 4P
1.5A Ultra Fast Recovery Rectifier
TF151 TAITRON-TF151 Datasheet
132Kb / 4P
1.5A Fast Recovery Rectifier
logo
Frontier Electronics.
BYD34DP FRONTIER-BYD34DP Datasheet
125Kb / 2P
1.5A FAST RECOVERY PLASTIC RECTIFIER
BYV95AP FRONTIER-BYV95AP Datasheet
125Kb / 2P
1.5A FAST RECOVERY PLASTIC RECTIFIER
HER151 FRONTIER-HER151 Datasheet
129Kb / 2P
1.5A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PR1501S DIODES-PR1501S_15 Datasheet
292Kb / 3P
1.5A FAST RECOVERY RECTIFIER
Rev erse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com