Electronic Components Datasheet Search
  English  ▼

X  

MAX3237ECAI Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX3237ECAI
Description  ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3237ECAI Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX3237ECAI Datasheet HTML 13Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 14Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 15Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 16Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 17Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 18Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 19Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 20Page - Maxim Integrated Products MAX3237ECAI Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V,
Up to 1Mbps, True RS-232 Transceivers
______________________________________________________________________________________
17
Pin Configurations (continued)
19
20
18
17
7
6
8
9
12
SHDN
45
15
14
12
11
EN
V+
EXPOSED
PADDLE
EXPOSED
PADDLE
N.C.
R2OUT
R2IN
T2OUT
MAX3222E
3
13
VCC
16
10
T2IN
GND
TQFN
TOP VIEW
15
16
14
13
6
5
7
8
12
VCC
4
12
11
9
V+
C1+
T2IN
R2OUT
R2IN
T2OUT
MAX3232E
3
10
GND
TQFN
TOP VIEW
UCSP
F6
F5
F4
F3
F2
E6
E3
D6
C6
B6
B3
A2
A3
A4
A5
A6
TOP VIEW
(BUMPS ON BOTTOM)
T1OUT
GND
C1-
C1+
VCC
R3IN
R2IN
R1IN
R5OUT
R4OUT
R4IN
R5IN
T3OUT
T2OUT
B2: SHDN
C2: R1OUT
D2: T3IN
E2: T2IN
B3: EN
E3: T1IN
BUMPS B4, B5, C3, C4,
C5, D3, D4, D5, E4, AND
E5 NOT POPULATED
E2
D2
C2
B2
F1
E1
D1
C1
B1
A1
V+
R3OUT
R2OUT
V-
C2-
C2+
MAX3246E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com