Electronic Components Datasheet Search
  English  ▼

X  

L125 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # L125
Description  SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

L125 Datasheet(HTML) 2 Page - Polyfet RF Devices

  L125 Datasheet HTML 1Page - Polyfet RF Devices L125 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L2B 1 DIE ID, GM vs VG
0.1
1
10
100
0
2
4
6
8
10
12
14
Vgs in Volts
ID
GM
L2B 1 DIE CAPACITANCE
0.1
1
10
100
0
5
10
15
20
25
30
VDS IN VOLTS
Coss
Ciss
Crss
L125 POUT VS PIN F=1000 MHZ; IDQ=0.4A; VDS=28V
6
8
10
12
14
16
18
20
22
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
PIN IN WATTS
8.00
10.00
12.00
14.00
16.00
POUT
GAIN
Efficiency = 55%
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
S11 & S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
L125
L2A 1 DICE IV
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
VDSINVOLTS
vg=2v
Vg=4v
Vg=6v
vg=8v
vg=10v
vg=12v
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
REVISION 03/08/2001
Tolerance .XX +/-0.01
.XXX +/-.005 inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com