Electronic Components Datasheet Search
  English  ▼

X  

ROM1490E Datasheet(PDF) 2 Page - Rakon Limited

Part # ROM1490E
Description  Mercury ™ IC OCXO | Networking & Stratum 3E
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM1490E Datasheet(HTML) 2 Page - Rakon Limited

  ROM1490E Datasheet HTML 1Page - Rakon Limited ROM1490E Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mercury+ ™ IC OCXO | Networking & Stratum 3E
Issue: B, 10 June 2021
Specifications are subject to change without notice
Copyright © 2019 to 2021 Rakon Limited. All rights reserved
Page 2 of 2
Contact Us
› TDEV & MTIE compliant with G.8262, G.8262.1,
G.8263, G.8273.2, G.8273.3, G.8273.4
Oscillator output
Regulated CMOS output (1.0, 1.8, 2.5V) or standard CMOS (options)
Frequency Stability over Temperature @ 19.2 MHz
Warm-up Time @ 19.2 MHz
Model Outline and Recommended Pad Layout
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
Temperature (°C)
Frequency Stability vs Temperature (5 units)
-40
-20
0
20
40
0
10 20 30 40 50 60 70 80 90 100 110 120
Time after power on (sec)
Warm-up – The First 2 Minutes
-40
-20
0
20
40
0
10
20
30
40
50
60
Time after power on (min)
Warm-up – The First Hour
Pin
Connections
1
Do not connect (GND optional)
2
Do not connect (GND optional)
3
GND
4
Output
5
NC
6
Supply Voltage (Vcc)
for correct operation decouple the supply voltage
with a 10 μF capacitor close to the oscillator
NOTE
•
Unit: mm
•
Base: FR4
•
Finish: 0.05 ~ 0.13 µm Gold
over 3 ~ 6 µm Nickel
Frequency Stability (ppb)
Frequency Stability (ppb)
Frequency Stability (ppb)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com