Electronic Components Datasheet Search
  English  ▼

X  

ROM1490PA Datasheet(PDF) 1 Page - Rakon Limited

Part # ROM1490PA
Description  Mercury ™ IC OCXO | RRH and Small Cells
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM1490PA Datasheet(HTML) 1 Page - Rakon Limited

  ROM1490PA Datasheet HTML 1Page - Rakon Limited ROM1490PA Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mercury+ ™ IC OCXO | RRH and Small Cells
Issue: B, 25 October 2024
Specifications are subject to change without notice.
Copyright © 2014 to 2024 Rakon Limited. All rights reserved
Page 1 of 2
Contact Us
ROM1490PA
The ROM1490PA utilises market-leading proprietary Mercury+™ technology delivering the world’s first ASIC-based OCXO for Radio
applications. This product family achieves ±20 ppb frequency stability over -40 to 95°C, with short term ageing less than 1 ppb/day and
frequency slope as low as 0.1 ppb/°C. Extended operating temperature options are available on request. Using Rakon’s innovative high-Q
quartz crystals, ROM1490PA offers superior close-in phase noise performance, enabling Remote Radio Head PLLs to use a single reference
clock to meet both network synchronisation requirements and air interface requirements.
Mercury+™ ASIC-OCXOs enable lower Total Cost of Ownership of customer equipment through improved reliability. With a small form factor
and few discrete components, a ROM1490PA consumes only 0.4W at room temperature and has faster warm up times than traditional
OCXOs.
Standard Specifications
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency (Fn)
10 – 50
MHz
Standard frequencies: 10, 19.2, 20, 25, 30.72,
38.4, 50 MHz
Frequency calibration
±0.2
ppm
Initial accuracy at 25°C ±2°C
Reflow shift
±0.2
ppm
Pre to post reflow ∆F (measured ≥ 60 minutes
after reflow)
Operating temperature range
-40
+95
°C
Operating temperatures up to 105°C are
available on request
Frequency stability temperature
±20
±10
ppb
In still air. Reference to (FMAX + FMIN)/2
Vc: ±20 ppb; Fixed frequency: ±10 ppb
Frequency slope ΔF/ΔT in still air
±0.1
±0.5
ppb/°C
Temperature ramp ≤ 1°C/minute
Supply voltage stability
±5
ppb
±2% variation, reference to frequency at 3.3V
Load sensitivity
±5
ppb
±10% variation, reference to frequency at 15pF
Warm-up time
15
60
sec
Time needed for frequency to be within
±20ppb reference to frequency after 1 hour, at
25°C. Parameter is frequency, assembly and
operating history dependent
Long term stability (Ageing)
1
0.3
1.5
ppb
ppm
ppm
Per day, after 30 days of continuous operation
First year
10 years
Supply voltage (Vcc)
2.7 – 5
V
±5%
Input power
1200
400
1500
440
mW
Warm up
Steady state in still air at 25°C
Control voltage (Vc) 1
0.25
1.25
2.25
V
Frequency tuning
±1.9
±3.3
ppm
Reference to frequency at Vc=1.25V
Linearity
1
%
Deviation from straight line curve fit
Oscillator output
Regulated CMOS output (1.0, 1.8, 2.5V) or standard CMOS (options)
1
The GND of the control voltage (Vc) needs to be connected directly to pin 2 (GND) as ground lead impedance may cause performance degradation.
Features
Applications
14.3 x 9.1 x 5.9
mm
Superior close-in phase noise with high-Q
SC-cut crystal
< 1% VCO linearity
Patented tilt compensation for lifetime
performance
Fast warm up time
Ultra-reliable OTP memory programming
Lower customer Total Cost of Ownership
through VLSI ASIC-integration
Base Stations
5G RRH
Small Cells
Microwave transmission systems


Similar Part No. - ROM1490PA

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
ROM1490PS RAKON-ROM1490PS Datasheet
778Kb / 2P
MERCURY™ IC OCXO | RRH AND SMALL CELLS
10 June 2021
More results

Similar Description - ROM1490PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2052 TI-BQ2052 Datasheet
161Kb / 18P
Gas Gauge IC for Lithium Primary Cells
logo
PerkinElmer Optoelectro...
VT900 PERKINELMER-VT900 Datasheet
1Mb / 76P
Photoconductive Cells and Analog Optoisolators (Vactrols)
logo
Raltron Electronics Cor...
OX2550A RALTRON-OX2550A Datasheet
39Kb / 2P
Small OCXO in SMD package
OX2580A RALTRON-OX2580A Datasheet
42Kb / 2P
Small OCXO in 1??SQ. package
logo
TEMEX
RHT1490A TEMEX-RHT1490A Datasheet
253Kb / 2P
Low noise C?륱AN radios, Microwave links and Small Cells
logo
Eaton All Rights Reserv...
M0810-2R5105-R EATON-M0810-2R5105-R Datasheet
347Kb / 3P
Cylindrical cells
logo
Mitsumi Electronics, Co...
MM3220 MITSUMI-MM3220 Datasheet
49Kb / 3P
2 cells lithium-ion/lithium-polymer battery protection IC
logo
TXC Corporation.
OE-SERIES TXC-OE-SERIES Datasheet
2Mb / 1P
For Synchronization, 5G RRH and Small Cells
OG-SERIES TXC-OG-SERIES Datasheet
2Mb / 1P
For Synchronization, 5G RRH and Small Cells
logo
Qorvo, Inc
QPQ1282 QORVO-QPQ1282 Datasheet
792Kb / 12P
LTE Band 1 BAW Duplexer for Small Cells
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com