Electronic Components Datasheet Search
  English  ▼

X  

ROM7050PA Datasheet(PDF) 1 Page - Rakon Limited

Part # ROM7050PA
Description  Mercury ™ IC OCXO | 5G RRHs and Small Cells
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM7050PA Datasheet(HTML) 1 Page - Rakon Limited

  ROM7050PA Datasheet HTML 1Page - Rakon Limited ROM7050PA Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mercury+ ™ IC OCXO | 5G RRHs and Small Cells
Issue: C, 31 August 2023
Specifications are subject to change without notice
Copyright © 2020 to 2023 Rakon Limited. All rights reserved
Page 1 of 2
Contact Us
ROM7050PA
The ROM7050PA mini SMD OCXO utilises Rakon’s market-leading proprietary Mercury+™ technology. This compact OCXO is a low-
power and small footprint in 7.5 x 5.5 mm solutions for radio and small cell applications. This product family achieves excellent
frequency stability of ±20 ppb over -40 to 95°C, with long-term ageing less than 1.5 ppm in 10 years and frequency sensitivity to
temperature (i.e. slope) as low as 0.1 ppb/°C. Low g-sensitivity and extended operating temperature options are available on request.
Using Rakon’s innovative high-Q quartz crystals, ROM7050PA offers superior close-in phase noise performance, enabling Remote
Radio Head PLLs to use a single reference clock to meet both network synchronisation requirements and air interface requirements.
Mercury+™ ASIC-OCXOs enable lower Total Cost of Ownership (TCO) of customer equipment through improved reliability. With a
miniature footprint, the ROM7050PA consumes only 400 mW at room temperature and has a faster warm-up time than traditional OCXOs.
Standard Specifications
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency (Fn)
10 – 50
MHz
Standard frequencies: 10, 12.8, 19.2, 20, 25,
30.72, 38.4, 50 MHz
Frequency calibration1
±0.2
ppm
Initial accuracy at 25°C ±2°C
Reflow shift
±0.5
ppm
After 1 hour recovery at 25°C
Operating temperature range
-40
+95
°C
105°C available upon request
Frequency stability over
temperature in still air
±20
ppb
Reference to (FMAX + FMIN)/2
Frequency slope ΔF/ΔT in still air
±0.1
ppb/°C
Temperature ramp ≤ 1°C/minute
Supply voltage stability
±5
ppb
±2% variation, reference to frequency at 3.3 V
Load sensitivity
±5
ppb
±10% variation, reference to frequency at 15 pF
Warm-up time (F0 – F1)2
3
20
s
Time after power on needed for frequency F0
to be within ±25 ppb reference to frequency F1
after 1 hour
All causes stability (Ageing)
±4.6
ppm
Including calibration, temperature, supply
voltage & load changes over a 10 year life
Vibration sensitivity (Optional)
0.7
1
ppb/g
Gamma vector
Supply voltage (Vcc)
2.7 – 5
V
Nominal value in the range ±5% variation
Input power (Vcc = 3.3V)
1200
400
1500
440
mW
Warm-up
Steady-state in still air at 25°C
Root Allan Variance (RAV)
30x10 -12
20x10 -12
15x10 -12
40x10 -12
20x10 -11
tau = 0.1s
tau = 1.0s
tau = 10s
tau = 100s
tau = 1000s
Oscillator output
Regulated CMOS output (1.0, 1.8, 2.5V) or standard CMOS (options)
SSB Phase Noise
(Typical value at 25°C)
Frequency
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
1 MHz
Unit
10 MHz
-82
-114
-144
-158
-160
-160
-160
dBc/Hz
1
Frequency calibration’s limit is ±0.5 ppm when offering low g-sensitivity performance. | 2 Parameter is assembly and operating history dependent.
Features
Applications
7.5 x 5.5 x 3.3
mm
Smallest OCXO footprint industrywide: 7 x 5 mm
Excellent frequency stability: ≤±20 ppb
(-40 to 95°C, -40 to 105°C available upon request)
Low-frequency slope: 0.1 ppb/°C
Superior close-in phase noise
; noise floor as low as
-160 dBc/Hz for 10 MHz devices
Fast warm-up time (±20 ppb): <15s at -25°C, <20s at -40°C
Long-term stability: ≤1.5 ppm/10 years
Excellent g-sensitivity: 1 ppb/g
5G RRHs
4G/5G small cells
Fronthaul switches & routers
G.8273.x boundary clocks
Optical network equipment
Microwave transmission
systems


Similar Part No. - ROM7050PA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROM RECOM-ROM Datasheet
97Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-0505S RECOM-ROM-0505S Datasheet
97Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-0505S RECOM-ROM-0505S Datasheet
91Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-0505SP RECOM-ROM-0505SP Datasheet
91Kb / 3P
1 Watt SIP4 Micro Size Single Output
ROM-0509S RECOM-ROM-0509S Datasheet
97Kb / 3P
1 Watt SIP4 Micro Size Single Output
More results

Similar Description - ROM7050PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2052 TI-BQ2052 Datasheet
161Kb / 18P
Gas Gauge IC for Lithium Primary Cells
logo
Raltron Electronics Cor...
OX2550A RALTRON-OX2550A Datasheet
39Kb / 2P
Small OCXO in SMD package
OX2580A RALTRON-OX2580A Datasheet
42Kb / 2P
Small OCXO in 1??SQ. package
logo
Bel Fuse Inc.
60300 BEL-60300 Datasheet
243Kb / 1P
2.5G, 5G and 10G Solutions
logo
TEMEX
RHT1490A TEMEX-RHT1490A Datasheet
253Kb / 2P
Low noise C?륱AN radios, Microwave links and Small Cells
logo
Mitsumi Electronics, Co...
MM3220 MITSUMI-MM3220 Datasheet
49Kb / 3P
2 cells lithium-ion/lithium-polymer battery protection IC
logo
TXC Corporation.
OE-SERIES TXC-OE-SERIES Datasheet
2Mb / 1P
For Synchronization, 5G RRH and Small Cells
OG-SERIES TXC-OG-SERIES Datasheet
2Mb / 1P
For Synchronization, 5G RRH and Small Cells
logo
Qorvo, Inc
QM22450 QORVO-QM22450 Datasheet
1Mb / 14P
2.4G and 5G WiFi6E Antennaplexer
QPQ1282 QORVO-QPQ1282 Datasheet
792Kb / 12P
LTE Band 1 BAW Duplexer for Small Cells
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com