Electronic Components Datasheet Search
  English  ▼

X  

ROM9070PA Datasheet(PDF) 3 Page - Rakon Limited

Part # ROM9070PA
Description  Mercury™ IC OCXO | RRH and Small Cells
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM9070PA Datasheet(HTML) 3 Page - Rakon Limited

  ROM9070PA Datasheet HTML 1Page - Rakon Limited ROM9070PA Datasheet HTML 2Page - Rakon Limited ROM9070PA Datasheet HTML 3Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mercury+™ IC OCXO | RRH and Small Cells
Issue: B, 26 August 2024
Specifications are subject to change without notice.
Copyright © 2019 to 2024 Rakon Limited. All rights reserved
Page 3 of 3
Contact Us
4.0
Model Outline and Recommended Pad Layout
5.0
3D Model
Parameter
Remarks
Package size
9.7 x 7.5 x 3.9 mm
STEP file
ROM9070PA 3D model
To open or view the STP file, you will need to import it into one of the following software programs:
Autodesk Fusion 360, CATIA, SolidWorks, Solid Edge, TurboCAD, Kubotek KeyCreator, FreeCAD, ABViewer, ShareCAD,
or eMachineShop.
NOTE:
•
Unit: mm
•
Plastic cover, FR4 base
•
Finish 0.05 ~ 0.13 µm Gold over
3 ~ 6 µm Nickel.
Pin Connections
1* Control Voltage (Vc) / Do not connect (GND optional)
2
GND
3
Output
4
Supply Voltage (Vcc)
for correct operation decouple the supply voltage with a
10μF capacitor close to the oscillator
* Depending on detail specification



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com