2 / 2 page

D
D 39
AMPERE
CATALOG
AMPERE
CATALOG
AMPERE
CATALOG
RATING
NUMBER
RATING
NUMBER
RATING
NUMBER
35
A70Q35-4
100
A70Q100-4
350
A70Q350-4
40
A70Q40-4
125
A70Q125-4
400
A70Q400-4
50
A70Q50-4
150
A70Q150-4
450
A70Q450-4
60
A70Q60-4
175
A70Q175-4
500
A70Q500-4
70
A70Q70-4
200
A70Q200-4
600
A70Q600-4
80
A70Q80-4
250
A70Q250-4
90
A70Q90-4
300
A70Q300-4
For ampere ratings and styles not listed, call Technical Services.
Standard Fuse Ampere Ratings, Catalog Numbers
Dimensions
CATALOG
MOUNTING
DIMENSIONS - INCHES (mm)
NUMBER
TYPE
A
B
C
D
E
F
G
H
A70Q35 to 60
4
4.37
1.22
1.96
3.69
2.91
.34
1.00
.19
(111)
(31.0)
(49.8)
(93.7)
(73.9)
(8.6)
(25.4)
(4.8)
A70Q70 to 100
4
4.37
1.22
1.96
3.69
2.91
.41
1.00
.19
(111)
(31.0)
(49.8)
(93.7)
(73.9)
(10.4)
(25.4)
(4.8)
A70Q125 to 200
4
5.09
1.50
1.96
4.16
2.91
.41
1.00
.25
(129)
(38.1)
(49.8)
(106)
(73.9)
(10.4)
(25.4)
(6.4)
A70Q250 to 400
4
5.09
2.00
1.96
4.00
2.94
.56
1.50
.25
(129)
(50.8)
(49.8)
(102)
(74.7)
(14.2)
(38.1)
(6.4)
A70Q450 to 600
4
7.09
2.50
1.96
5.72
3.25
.56
2.00
.38
(180)
(63.5)
(49.8)
(145)
(82.6)
(14.2)
(50.8)
(9.7)
Figure 1
AMP-TRAP®–Form 101
A70Q
SEMICONDUCTOR PROTECTION FUSES