Electronic Components Datasheet Search
  English  ▼

X  

PKC Datasheet(PDF) 1 Page - France Joint

Part # PKC
Description  PISTON SEALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

PKC Datasheet(HTML) 1 Page - France Joint

  PKC Datasheet HTML 1Page - France Joint PKC Datasheet HTML 2Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
DESCRIPTION
The PKC profile is a complete
pneumatic piston composed of a metal
base and two rubber sealing lips.
ADVANTAGES
Easy assembly
Replaces a piston with several seals
Economic solution
APPLICATIONS
Little-used pneumatic cylinders
MATERIALS
Profiled seal
NBR 70 Shore A
Metal cage
Steel
Other grades of materials are available.
Please refer to the materials table.
|
TECHNICAL DATA
Temperature
-30°C / +100°C
Pressure
1.6 MPa
Speed
1 m/s
Media
Lubricated air
Oil-free air
Non-aggressive gases
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
|
SURFACE ROUGHNESS
Roughness
Dynamic surface area
Static surface area
Groove flanks
Ra
0.1 - 0.4 µm
≤1.6 µm
≤3.2 µm
Rz
0.63 - 2.5 µm
≤6.3 µm
≤10.0 µm
Rmax
1.0 - 4.0 µm
≤10.0 µm
≤16.0 µm
PISTON SEALS
PKC
PNEUMATIC SEALS | PISTON SEALS |
PKC


Similar Part No. - PKC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PKC-136 STMICROELECTRONICS-PKC-136 Datasheet
41Kb / 5P
PEAK CLAMP
Aug-2001
logo
Diotec Semiconductor
PKC-136 DIOTEC-PKC-136 Datasheet
109Kb / 2P
Transient Voltage Suppressor
logo
STMicroelectronics
PKC-136RL STMICROELECTRONICS-PKC-136RL Datasheet
41Kb / 5P
PEAK CLAMP
Aug-2001
PKC136 STMICROELECTRONICS-PKC136 Datasheet
41Kb / 5P
PEAK CLAMP
Aug-2001
PKC136-RL STMICROELECTRONICS-PKC136-RL Datasheet
41Kb / 5P
PEAK CLAMP
Aug-2001
More results

Similar Description - PKC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Festo Corporation.
8083959 FESTO-8083959 Datasheet
68Kb / 1P
Piston actuator
8083961 FESTO-8083961 Datasheet
69Kb / 1P
Piston actuator
8083962 FESTO-8083962 Datasheet
68Kb / 1P
Piston actuator
8083963 FESTO-8083963 Datasheet
69Kb / 1P
Piston actuator
8083965 FESTO-8083965 Datasheet
70Kb / 1P
Piston actuator
8083966 FESTO-8083966 Datasheet
69Kb / 1P
Piston actuator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com