Electronic Components Datasheet Search
  English  ▼

X  

SBC Datasheet(PDF) 1 Page - France Joint

Part # SBC
Description  STANDARD SHAFT SEALS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SBC Datasheet(HTML) 1 Page - France Joint

  SBC Datasheet HTML 1Page - France Joint SBC Datasheet HTML 2Page - France Joint SBC Datasheet HTML 3Page - France Joint SBC Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
|
|
SEAL DESIGN
Tolerance for the outside diameter of the seal (ØD)
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
Coating with grooves
ØD1 ≤ 50.0
+0.10 / +0.20
+0.15 / +0.30
+0.20 / +0.40
50.0 < ØD1 ≤ 80.0
+0.13 / +0.23
+0.20 / +0.35
+0.25 / +0.45
80.0 < ØD1 ≤ 120.0
+0.15 / +0.25
+0.20 / +0.35
+0.25 / +0.45
120.0 < ØD1 ≤ 180.0
+0.18 / +0.28
+0.25 / +0.45
+0.30 / +0.55
180.0 < ØD1 ≤ 300.0
+0.20 / +0.30
+0.25 / +0.45
+0.30 / +0.55
300.0 < ØD1 ≤ 500.0
+0.23 / +0.35
+0.30 / +0.55
+0.35 / +0.65
500.0 < ØD1 ≤ 630.0
+0.23 / +0.35
+0.35 / +0.65
+0.40 / +0.75
Roundness tolerance
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
ØD1 ≤ 50.0
0.18
0.25
50.0 < ØD1 ≤ 80.0
0.25
0.35
80.0 < ØD1 ≤ 120.0
0.30
0.50
120.0 < ØD1 ≤ 180.0
0.40
0.65
180.0 < ØD1 ≤ 300.0
0.25% of the outside diameter
0.80
300.0 < ØD1 ≤ 500.0
0.25% of the outside diameter
1.00
500.0 < ØD1 ≤ 630.0
-
-
Tolerance for the inside diameter of the seal (Ød)
Free and without constraint, the inside diameter of the sealing lip is always smaller than the
diameter of the shaft. The pre-tightening or interference denotes the difference between
these two values. Depending on the shaft diameter, the diameter of the sealing lip is generally
considered to be less, between 0.8 and 3.5 mm.
Pumping leads
Clockwise
Anti-clockwise
Bi-directional
R
L
H0
Other types of pumping leads can be created according to your specifications. Please
contact our experts.
|
DESCRIPTION
The SBC profile is a shaft seal composed
of a single external metal cage with
a rubber coating covering half of the
outside of the cage and a primary
sealing lip with integrated spring.
|
ADVANTAGES
Good radial rigidity, particularly
for large diameters
Good stability when assembled,
preventing the bounce-back effect
Good static sealing
Good thermal expansion compensation
Good heat transfer
Sealing for low and high viscosity fluids
Modern primary sealing lip
with low radial forces
|
APPLICATIONS
Shaft sealing
Engines
Pumps
Transmissions
|
MATERIALS
Rubber
ACM 70 - 75 Shore A
EPDM 70 - 75 Shore A
FKM 70 - 75 Shore A
HNBR 70 - 75 Shore A
NBR 70 - 75 Shore A
Metal cage
Steel - AISI 1010
Stainless steel - AISI 304
Stainless steel - AISI 316
Spring
Steel - AISI 1070 - 1090
Stainless steel - AISI 316
STANDARD SHAFT SEALS
SBC
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
ROTARY SEALS | STANDARD SHAFT SEALS |
SBC


Similar Part No. - SBC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SBC / SBCHE TEC-SBC / SBCHE Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Tyco Electronics
SBC-11 MACOM-SBC-11 Datasheet
194Kb / 3P
Type SBC (Square Ceramic) Series
SBC-11 MACOM-SBC-11 Datasheet
199Kb / 3P
Type SBC (Square Ceramic) Series
logo
TE Connectivity Ltd
SBC-11 TEC-SBC-11 Datasheet
199Kb / 3P
High Power Resistor
logo
Hanwha Vision Co., Ltd....
SBC-140WB HANWHAVISION-SBC-140WB Datasheet
746Kb / 3P
Skin Cover
More results

Similar Description - SBC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
Bel Fuse Inc.
DCDH-15PSBN BEL-DCDH-15PSBN Datasheet
576Kb / 6P
Dura-ConTM Hermetic Connectors Standard Connectors With High Performance Hermetic Seals Catalog
rev03 05012019
logo
SparkFun Electronics
ROB-12203 SPARKFUN-ROB-12203 Datasheet
95Kb / 1P
ServoBlock Kit - Hitec Standard (Plain Shaft)
2/10/2016
ROB-12347 SPARKFUN-ROB-12347 Datasheet
96Kb / 1P
ServoBlock Kit - Hitec Standard (Hub Shaft)
2/10/2016
ROB-12501 SPARKFUN-ROB-12501 Datasheet
94Kb / 1P
Servo Shaft Coupler - Hitec Standard
1/15/2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com