Electronic Components Datasheet Search
  English  ▼

X  

MAX3784A Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3784A
Description  5Gbps PCB Equalizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3784A Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3784A Datasheet HTML 1Page - Maxim Integrated Products MAX3784A Datasheet HTML 2Page - Maxim Integrated Products MAX3784A Datasheet HTML 3Page - Maxim Integrated Products MAX3784A Datasheet HTML 4Page - Maxim Integrated Products MAX3784A Datasheet HTML 5Page - Maxim Integrated Products MAX3784A Datasheet HTML 6Page - Maxim Integrated Products MAX3784A Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX3784/MAX3784A 5Gbps equalizers provide
compensation for transmission-medium losses in up to
40in of FR-4. They are optimized for short-run length
and balanced codes such as 8b10b, as found in multi-
plexed 1.25Gbps Ethernet systems and 4.25Gbps
Fibre Channel.
The equalizers use differential CML data inputs and
outputs. A standby mode reduces power consumption
when the parts are not in use. The MAX3784/
MAX3784A are available in a 4mm
× 4mm, 16-pin QFN
package that consumes only 185mW at +3.3V.
Features
♦ Spans 40in (1m) of FR-4 PCB
♦ 0.18UI Deterministic Jitter Up to 40in
♦ Low Power Consumption: 185mW (MAX3784)
♦ Equalization Reduces Intersymbol Interference
♦ Single +3.3V Supply
♦ Standby Mode
♦ Small 4mm × 4mm, 16-Pin QFN Package
5Gbps PCB Equalizer
________________________________________________________________
Maxim Integrated Products
1
Pin Configurations
LINE CARD
+3.3V
5Gbps
+3.3V
T/R 1
Rx
Tx
T/R 2
Rx
Tx
T/R 3
Rx
Tx
T/R 4
Rx
Tx
T/R 1
T/R 2
T/R 3
T/R 4
Rx
Tx
1.25Gbps
1.25Gbps
1.25Gbps
1.25Gbps
SWITCH
Rx
Tx
SWITCH CARD
PCB
BACKPLANE
MAX3784/
MAX3784A
EQUALIZER
IN
OUT
MAX3784/
MAX3784A
EQUALIZER
OUT
IN
Typical Application Circuit
19-2565; Rev 4; 10/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-
PACKAGE
PKG
CODE
MAX3784UGE
0
°C to +85°C 16 QFN-EP*
G1644-1
MAX3784UTE+
0
°C to +85°C 16 TQFN-EP*
T1644-3
MAX3784AUGE
0
°C to +85°C 16 QFN-EP*
G1644-1
MAX3784AUTE+
0
°C to +85°C 16 TQFN-EP*
T1644-3
Ordering Information
Applications
Chassis Life Extension
4.25Gbps Fibre Channel
4x Multiplexed 1.25Gbps Ethernet (5Gbps)
+
Denotes a lead-free package.
*Exposed pad.
1
23
4
5
6
7
8
9
10
11
16
12
13
14
15
VCC
GND
N.C.
N.C.
N.C.
N.C.
N.C.
EN
* THE EXPOSED PAD MUST BE SOLDERED TO SUPPLY GROUND
FOR CORRECT THERMAL AND ELECTRICAL PERFORMANCE.
MAX3784/
MAX3784A
TOP VIEW
QFN
*EP
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX3784A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX378-MAX379 MAXIM-MAX378-MAX379 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX3781 MAXIM-MAX3781 Datasheet
300Kb / 5P
Evaluation Kit
Rev 1; 10/01
MAX3781EVKIT MAXIM-MAX3781EVKIT Datasheet
300Kb / 5P
Evaluation Kit
Rev 1; 10/01
MAX3783 MAXIM-MAX3783 Datasheet
198Kb / 8P
2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
More results

Similar Description - MAX3784A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
GRAPHIC EQUALIZER
logo
Sony Corporation
CXA1298 SONY-CXA1298 Datasheet
293Kb / 13P
equalizer AMP
logo
List of Unclassifed Man...
EF2A51A ETC2-EF2A51A Datasheet
58Kb / 1P
Equalizer
logo
Source Photonics, Inc.
FTM-3127C-SL2G SOURCE-FTM-3127C-SL2G Datasheet
282Kb / 10P
1G節?.5Gbps Spring-latch SFP Transceiver
logo
Integrated Device Techn...
89HP0504PB IDT-89HP0504PB Datasheet
803Kb / 26P
4 Channel 5Gbps PCIe짰 Signal Repeater
89HP0504UB IDT-89HP0504UB Datasheet
532Kb / 27P
4 Channel 5Gbps USB 3.0 Signal Repeater
logo
KR Electronics, Inc.
2981 KR-2981 Datasheet
60Kb / 2P
Equalizer
3069 KR-3069 Datasheet
60Kb / 2P
Equalizer
3075 KR-3075 Datasheet
46Kb / 2P
Equalizer
3141 KR-3141 Datasheet
53Kb / 2P
Equalizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com