Electronic Components Datasheet Search
  English  ▼

X  

LC421 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # LC421
Description  SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

LC421 Datasheet(HTML) 1 Page - Polyfet RF Devices

  LC421 Datasheet HTML 1Page - Polyfet RF Devices LC421 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
polyfet rf devices
LC421
8
Single Ended
AC
60.0
5.0
80.0
1.30 C/W
36
2.7
17.00
1.0
65
0.28
8.00
7.0
120
0.30
36
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
DC Drain
Current
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
200 C
A
V
Load Mismatch Tolerance
VSWR
Drain to
Gate
Voltage
20:1
Relative
0.20
0.25
Ids =
mA, Vgs = 0V
V, Vgs = 0V
Ciss
Crss
Coss
Vds =
Idq =
A, Vds =
V, F =
0.20
Bvdss
Idss
Drain Breakdown Voltage
V
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Idq =
Idq = 0.20
500
Vgs = 20V, Ids =
Rdson
Saturation Resistance
Forward Transconductance
gM
Vds = 10V, Vgs = 5V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
500
500
Common Source Input Capacitance
36
V
Igss
Vgs
Idsat
Zero Bias Drain Current
Gate Leakage Current
Gate Bias for Drain Current
Saturation Current
1
7
uA
V
Mho
Ohm
Amp
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS (
25.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
12.5
A, Vds =
V, F =
A, Vds =
V, F =
12.5
12.5
Watts
V
1
MHz
MHz
MHz
Watts
Package Style
25.0
Vds = 0V Vgs = 30V
Vgs = 20V, Vds = 10V
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
12.5
Vds =
A, Vgs = Vds
Ids =
A
η
dB
%
o
o
o
o
o
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Militry Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
"Polyfet" process features
low feedback and output capacitances
resulting in high F transistors with high
input impedance and high efficiency.
TM
t
SILICON GATE ENHANCEMENT MODE
RF POWER
TRANSISTOR
LDMOS
Vgs = 0V, F = 1 MHz
12.5
Vds =
Vgs = 0V, F = 1 MHz
12.5
Vds =
Vgs = 0V, F = 1 MHz
12.5
REVISION 03/08/2001
20
25 C )
WATTS OUTPUT )


Similar Part No. - LC421

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LC420DUJ LG-LC420DUJ Datasheet
1Mb / 39P
42.0 WUXGA TFT LCD
LC420W02 LG-LC420W02 Datasheet
1,012Kb / 28P
42.0 WXGA TFT LCD
LC420W02-SLA1 LG-LC420W02-SLA1 Datasheet
1,012Kb / 28P
42.0 WXGA TFT LCD
logo
Lattice Semiconductor
LC4256B-10F256AI LATTICE-LC4256B-10F256AI Datasheet
483Kb / 74P
3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4256B-10F256AI1 LATTICE-LC4256B-10F256AI1 Datasheet
451Kb / 99P
3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results

Similar Description - LC421

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
L225 POLYFET-L225 Datasheet
38Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L2711 POLYFET-L2711 Datasheet
40Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L8721P POLYFET-L8721P Datasheet
40Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LK701 POLYFET-LK701 Datasheet
35Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LP721 POLYFET-LP721 Datasheet
35Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LP802 POLYFET-LP802 Datasheet
35Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LX723 POLYFET-LX723 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LY402 POLYFET-LY402 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LR301 POLYFET-LR301 Datasheet
45Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L2601 POLYFET-L2601 Datasheet
57Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com