Electronic Components Datasheet Search
  English  ▼

X  

B5046 Datasheet(PDF) 3 Page - EPCOS

Part # B5046
Description  SAW Rx Filter Trunked Radio
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5046 Datasheet(HTML) 3 Page - EPCOS

  B5046 Datasheet HTML 1Page - EPCOS B5046 Datasheet HTML 2Page - EPCOS B5046 Datasheet HTML 3Page - EPCOS B5046 Datasheet HTML 4Page - EPCOS B5046 Datasheet HTML 5Page - EPCOS B5046 Datasheet HTML 6Page - EPCOS B5046 Datasheet HTML 7Page - EPCOS B5046 Datasheet HTML 8Page - EPCOS B5046 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
March 13, 2007
B5046
815.5 MHz
SAW Components
SAW Rx Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T = -30 to +70˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω (balanced)
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
815.5
—
MHz
Maximum insertion attenuation
α
max
806.0
...
825.0
MHz
—
2.6
4.5 1)
1) 3.5 dB at +15 to +35 ˚C.
dB
Amplitude ripple (p-p)
∆α
806.0
...
825.0
MHz
—
0.9
2.5 2)
2) 1.5 dB at +15 to +35 ˚C.
dB
Input VSWR
806.0
...
825.0
MHz
—
1.3
2.0
Output VSWR
806.0
...
825.0
MHz
—
1.3
2.0
Attenuation
α
0.1
...
663.0
MHz
44
47
—
dB
663.0
...
789.0
MHz
30
39
—
dB
789.0
...
796.0
MHz
13
32
—
dB
850.0
...
900.0
MHz
20
26
—
dB
900.0
... 1600.0
MHz
30
33
—
dB
1600.0
... 2313.0
MHz
24
27
—
dB
2313.0
... 3500.0
MHz
20
23
—
dB
3500.0
... 4000.0
MHz
7
23
—
dB
Amplitude balance
(|S31/S21|)
806.0
...
825.0
MHz
—
-0.1 /
+1.0
-0.8 /
+1.2
dB
Phase balance
(
φ(S
31)−φ(S21)+180˚)
806.0
...
825.0
MHz
—
-/+ 3
-/+ 10
˚
Temperature coefficient of frequency
TCf
—
-36
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com