Electronic Components Datasheet Search
  English  ▼

X  

PRSB-1/8 Datasheet(PDF) 1 Page - Festo Corporation.

Part # PRSB-1/8
Description  Cover plate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

PRSB-1/8 Datasheet(HTML) 1 Page - Festo Corporation.

  PRSB-1/8 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Cover plate
PRSB-1/8
Part number: 11687
General operating condition
Data sheet
Feature
Value
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Product weight
55 g
Material of sub-base
Aluminum
12/16/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - PRSB-1/8

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
PRSB-1/8-B FESTO-PRSB-1/8-B Datasheet
80Kb / 1P
Cover plate
More results

Similar Description - PRSB-1/8

ManufacturerPart #DatasheetDescription
logo
Virginia Panel Corporat...
310113546 VPC-310113546 Datasheet
28Kb / 1P
COVER PLATE FOR i1 CUTOUT
logo
Festo Corporation.
572818 FESTO-572818 Datasheet
77Kb / 1P
Cover plate
36121 FESTO-36121 Datasheet
59Kb / 1P
Cover plate
7/31/22
533351 FESTO-533351 Datasheet
55Kb / 1P
Cover plate
8/3/22
537962 FESTO-537962 Datasheet
64Kb / 1P
Cover plate
8/3/22
559638 FESTO-559638 Datasheet
68Kb / 1P
Cover plate
8/3/22
logo
FIBOX Enclosing innovat...
3530215 FIBOX-3530215 Datasheet
54Kb / 2P
Cover plate
31.07.2023
3530324 FIBOX-3530324 Datasheet
48Kb / 2P
Cover plate
31.07.2023
3530546 FIBOX-3530546 Datasheet
47Kb / 2P
Cover plate
31.07.2023
5026050 FIBOX-5026050 Datasheet
38Kb / 1P
Cover plate for 12 modules
31.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com