Electronic Components Datasheet Search
  English  ▼

X  

570872 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 570872
Description  Separator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

570872 Datasheet(HTML) 1 Page - Festo Corporation.

  570872 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Separator
VABD-4.2-B
Part number: 570872
General operating condition
Data sheet
Feature
Value
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364-B2-L
Product weight
6 g
Note on materials
RoHS-compliant
Seals material
NBR
Material of screws
Steel
Circlip material
Steel
Plug material
Brass
12/17/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 570872

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
5708 ADAFRUIT-5708 Datasheet
282Kb / 2P
ADAFRUIT CAN PAL - CAN BUS TRANSCIEBER - TJA1051T/3
logo
Bourns Electronic Solut...
5708-RC BOURNS-5708-RC Datasheet
474Kb / 1P
High Current Toroid Inductors
logo
Molex Electronics Ltd.
57084-3000 MOLEX-57084-3000 Datasheet
216Kb / 2P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
57085-5000 MOLEX-57085-5000 Datasheet
216Kb / 2P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
logo
Festo Corporation.
570850 FESTO-570850 Datasheet
106Kb / 3P
Air solenoid valve
More results

Similar Description - 570872

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E197 ONSEMI-MC10E197 Datasheet
217Kb / 16P
DATA SEPARATOR
1996 REV 2
logo
Festo Corporation.
HPV-10-10-A FESTO-HPV-10-10-A Datasheet
86Kb / 2P
Feed separator
HPV-14-20-A FESTO-HPV-14-20-A Datasheet
86Kb / 2P
Feed separator
HPV-14-40-A FESTO-HPV-14-40-A Datasheet
86Kb / 2P
Feed separator
HPV-22-30-A FESTO-HPV-22-30-A Datasheet
86Kb / 2P
Feed separator
HPV-22-60-A FESTO-HPV-22-60-A Datasheet
86Kb / 2P
Feed separator
HPVS-10-10-A FESTO-HPVS-10-10-A Datasheet
89Kb / 2P
Feed separator
HPVS-14-20-A FESTO-HPVS-14-20-A Datasheet
86Kb / 2P
Feed separator
HPVS-14-40-A FESTO-HPVS-14-40-A Datasheet
87Kb / 2P
Feed separator
HPVS-22-60-A FESTO-HPVS-22-60-A Datasheet
86Kb / 2P
Feed separator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com