Electronic Components Datasheet Search
  English  ▼

X  

RHT1490J Datasheet(PDF) 1 Page - Rakon Limited

Part # RHT1490J
Description  HIGH FREQUENCY ULTRA STABLE TCXO | STRATUM 3 / IEEE 1588 / SYNCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

RHT1490J Datasheet(HTML) 1 Page - Rakon Limited

  RHT1490J Datasheet HTML 1Page - Rakon Limited RHT1490J Datasheet HTML 2Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH FREQUENCY ULTRA STABLE TCXO
| STRATUM 3 / IEEE 1588 / SYNCE
Issue: B, 14 August 2023
Specifications are subject to change without notice
Copyright © 2017 to 2023 Rakon Limited. All rights reserved
Page
1 of 2
Contact Us
RHT1490J
The RHT1490J is a high frequency Stratum 3 TCXO specifically designed to meet telecommunications grade stabilities at high frequencies
with low phase jitter. This product’s frequency output enables lower system jitter, allowing communication system architects to optimise
noise budget and performance. Having the optimal balance between close-in phase noise and the noise floor, makes it suitable to be the
single reference clock used for both network and air interface requirements. Its ultra-low noise floor performance helps to achieve very low
system clock RMS jitter levels need in high speed interfaces (40G/100G).
Comfortably achieving Stratum 3 grade stability, its CMOS output generates < 200 fs of RMS phase jitter (12 kHz – 20 MHz), in a 14 x 9 mm
SMD package. An ideal reference clock solution for SyncE and Packet clock requirements (ITU-T G.813, G.8262, G.82673.2 and G8273.3), it
also works with both discrete and integrated IEEE 1588 solutions – providing excellent medium term stability for low loop bandwidth
applications.
Standard Specifications
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
Nominal frequency
50 – 200
MHz
Standard frequencies: 98.304, 100, 125, and
156.25 MHz
Frequency calibration
±1.0
ppm
Initial accuracy at 25°C ±2°C
Reflow shift
±1.0
ppm
Pre to post reflow ∆F (measured ≥ 60 minutes
after reflow)
Operating temperature range
-40
85
°C
Frequency stability over
temperature
± 0.28
ppm
The default reference for holdover stability,
variable temperature is (FMAX + FMIN)/2
Free-run accuracy
±4.6
ppm
Including frequency calibration, temperature,
supply voltage & load changes and 20 years ageing
Supply voltage stability
±0.1
ppm
±5% variation, reference to frequency at 3.3 V
Load sensitivity
±0.1
ppm
±5 pF variation, reference to frequency at 5 pF
Long term stability (ageing at 40°C)
±10
±2.5
ppb
ppm
Per day, after 10 days of continuous operation
20 years
Acceleration sensitivity
2
ppb/g
Gamma vector, 3 axes, 30 – 1500 Hz
Start-up time
1
ms
90% amplitude
Supply voltage (VDD )
3.3
2.5
V
±5%, Fn = 50 – 160 MHz
±5%, Fn = 160 – 200 MHz
Supply current
14
mA
5 pF//1 kΩ, 100 MHz
Oscillator output - CMOS
Output voltage level low (VOL)
Output voltage level high (VOH)
Rise time
Fall time
Duty cycle
Load
80%
45
1.2
1.2
5
20%
1.5
1.5
55
VDD
VDD
ns
ns
%
pF
With capacitive load of 5pF, 100 MHz
With capacitive load of 5pF, 100 MHz
Measured 20% to 80% VDD , 5 pF load, 100 MHz
Measured 80% to 20% VDD , 5 pF load, 100 MHz
Measured at 50% VDD trigger level, 100 MHz
Features
Applications
14.4 x 9.2 x 4.7
mm
Telecommunications grade Stratum 3
stability
Low jitter < 200 fs (12 kHz to 20 MHz)
High frequency options from
50 – 200 MHz
Inherent airflow resistance
Stratum 3 equipment
Carrier Ethernet/Microwave
Telecom PLLs
ITU-T G.813, G.8262, G.82673.2 and
G8273.3
Radio Head Clock Recovery
(IEEE 1588/SyncE)
10/25/40/100G Ethernet


Similar Part No. - RHT1490J

ManufacturerPart #DatasheetDescription
logo
TEMEX
RHT1490J TEMEX-RHT1490J Datasheet
249Kb / 2P
Carrier Ethernet/Microwave
More results

Similar Description - RHT1490J

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HTF546 GOLLEDGE-HTF546 Datasheet
60Kb / 1P
5V HCMOS TCXO Stratum 3
logo
CTS Corporation
574 CTS-574 Datasheet
194Kb / 5P
Stratum 3 TCXO/TCVCXO
logo
List of Unclassifed Man...
E2747 ETC2-E2747 Datasheet
45Kb / 2P
STRATUM 3 TCXO
logo
Golledge Electronics Lt...
HTFH GOLLEDGE-HTFH Datasheet
160Kb / 1P
5V CMOS TCXO Stratum 3
HTFL GOLLEDGE-HTFL Datasheet
152Kb / 1P
3.3V CMOS TCXO Stratum 3
logo
Connor-Winfield Corpora...
DV75C CONNOR-WINFIELD-DV75C Datasheet
494Kb / 4P
IEEE 1588 Applications
logo
MTRONPTI
M610X MTRONPTI-M610X_12 Datasheet
405Kb / 2P
IEEE 1588 & Synchronous Ethernet
logo
Golledge Electronics Lt...
GTXO-S14T GOLLEDGE-GTXO-S14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 Sinewave TCXO
GTXO-C14T GOLLEDGE-GTXO-C14T Datasheet
547Kb / 4P
3.3 & 5V Stratum 3 CMOS TCXO
logo
ECS, Inc.
ECS-TXO53-S3 ECS-ECS-TXO53-S3 Datasheet
1Mb / 3P
CMOS TCXO/VC-TCXO Stratum 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com