Electronic Components Datasheet Search
  English  ▼

X  

ADNS-6010 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6010
Description  High Performance Laser Mouse Bundles
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6010 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-6010 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ADNS-6010 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ADNS-6010 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ADNS-6010 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ADNS-6010 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ADNS-6010 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ADNS-6010 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED ADNS-6010 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED ADNS-6010 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21
State of Signal Pins After VDD is Valid
Pin
Before Reset
During Reset
After Reset
SPI pullups
undefined
off
on (default)
NCS
hi-Z control func-
tional
hi-Z control func-
tional
functional
MISO
driven or hi-Z (per
NCS)
driven or hi-Z (per
NCS)
low or hi-Z (per
NCS)
SCLK
undefined
ignored
functional
MOSI
undefined
ignored
functional
XY_LASER
undefined
hi-Z
functional
RESET
functional
high (externally
driven)
functional
NPD
undefined
ignored
functional
LASER_NEN
undefined
high (off)
functional
State of Signal Pins During Power Down
Pin
NPD low
After wake from PD
SPI pullups
off
pre-PD state
NCS
hi-Z control functional
functional
MISO
low or hi-Z (per NCS)
pre-PD state or hi-Z
SCLK
ignored
functional
MOSI
ignored
functional
XY_LASER
high (off)
functional
RESET
functional
functional
NPD
low (driven externally)
functional
REFC
VDD3
REFC
OSC_IN
low
OSC_IN
OSC_OUT
high
OSC_OUT
LASER_NEN
high (off)
functional
Reset Circuit
The ADNS-6010 does not perform an internal power up
self-reset; the reset pin must be raised and lowered to
reset the chip. This should be done every time power is
applied. During power-up there will be a period of time
after the power supply is high but before any clocks are
available. The table below shows the state of the various
pins during power-up and reset when the RESET pin is
driven high by a micro-controller.
Notes on Power-up and the serial port
Power Down Circuit
The following table lists the pin states during power
down.
The chip is put into the power down (PD) mode by low-
ering the NPD input. When in PD mode, the oscillator is
stopped but all register contents are retained. To achieve
the lowest current state, all inputs must be held exter-
nally within 200mV of a rail, either ground or VDD3. The
chip outputs are driven low or hi-Z during PD to prevent
current consumption by an external load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com