Electronic Components Datasheet Search
  English  ▼

X  

URB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # URB
Description  SEMICONDUCTOR PROTECTION FUSES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

URB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  URB Datasheet HTML 1Page - List of Unclassifed Manufacturers URB Datasheet HTML 2Page - List of Unclassifed Manufacturers URB Datasheet HTML 3Page - List of Unclassifed Manufacturers URB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FRENCH CYLINDRICAL
URB/URQ
SEMICONDUCTOR PROTECTION FUSES
50A
63 A
80 A
100 A
125 A
160 A
200 A
250 A
32 A
40 A
50 A
63 A
80 A
100 A
125 A
160 A
170 A
N075958
V076309
W076310
R078330
S078331
X076311
T078332
T076308
S081298
R081297
Q081296
P081295
N081294
M081293
L081292
K081291
Z080338
6.621 CP URQ 27x60/ 50
6.621 CP URQ 27x60/ 63
6.621 CP URQ 27x60/ 80
6.621 CP URQ 27x60/100
6.621 CP URQ 27x60/125
6.621 CP URQ 27x60/160
6.621 CP URQ 27x60/200
6.621 CP URQ 27x60/250
1021 CP URB 27x60/ 32
1021 CP URB 27x60/ 40
1021 CP URB 27x60/ 50
1021 CP URB 27x60/ 63
1021 CP URB 27x60/ 80
1021 CP URB 27x60/100
1021 CP URB 27x60/125
1021 CP URB 27x60/160
1021 CP URB 27x60/170
CURRENT
RATING
VOLTAGE
URQ
URB
TYPE
CATALOG NO.
REF #
660 V
1000 V
60,3
Ø 5
7
PART NUMBERS
D 99
D
27x60 - With blown fuse trip-indicatior



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com