Electronic Components Datasheet Search
  English  ▼

X  

811 Datasheet(PDF) 14 Page - France Joint

Part # 811
Description  efficient and cost-effective solution to wear problems on the shaft.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

811 Datasheet(HTML) 14 Page - France Joint

Back Button 811 Datasheet HTML 10Page - France Joint 811 Datasheet HTML 11Page - France Joint 811 Datasheet HTML 12Page - France Joint 811 Datasheet HTML 13Page - France Joint 811 Datasheet HTML 14Page - France Joint 811 Datasheet HTML 15Page - France Joint 811 Datasheet HTML 16Page - France Joint 811 Datasheet HTML 17Page - France Joint 811 Datasheet HTML 18Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
EN-TETE CONTINU
DESCRIPTION
The BECA 812 profile is a
final stainless steel sleeve
with a titanium coating.
ADVANTAGES
Good corrosion resistance
Good chemical inertia
Extremely thin, no need
to modify the dimensions
of the shaft seal
Easy to fit
APPLICATIONS
Hubs
Pinions
Differentials
Gear boxes
Crankshafts
MATERIALS
Material
Stainless steel - AISI 304
Coating
Titanium
Hardness
80 - 85 HRC
Thickness
0.28 mm (+/-0.05)
SLEEVES
BECA 812
H2
R1 max=3,18 mm
H1
L1
DIMENSIONS
Part number
Shaft diameter
Ød1 min
Shaft diameter
Ød1 max
Shaft diameter
Ød1
Outside
diameter
ØD
Height
H1
Height
H2
Width
L1
812.0119905
11.99
12.07
11.99
15.49
5.99
8.41
47.63
812.0127006
12.65
12.75
12.70
15.49
6.35
8.74
50.80
812.0140006
13.89
14.00
14.00
19.05
6.35
9.93
46.51
812.0143006
14.22
14.38
14.30
19.05
6.35
9.93
46.51
812.0150105
14.96
15.06
15.01
19.05
5.00
8.99
47.29
812.0158807
15.82
15.93
15.88
19.05
7.95
10.31
50.80
812.0160007
15.90
16.00
16.00
18.24
7.95
11.13
50.80
812.0169908
16.94
17.04
16.99
22.23
8.00
11.00
50.80
812.0173707
17.32
17.42
17.37
22.86
7.95
11.13
50.80
812.0180108
17.88
18.01
18.01
24.43
8.00
11.00
46.00
812.0190507
19.00
19.10
19.05
24.00
7.95
11.13
50.80
812.0193007
19.28
19.33
19.30
23.83
7.95
11.13
50.80
812.0198407
19.81
19.91
19.84
23.75
7.95
11.13
50.80
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
SLEEVES |
BECA 812
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com