Electronic Components Datasheet Search
  English  ▼

X  

URGS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # URGS
Description  SEMICONDUCTOR PROTECTION FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

URGS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  URGS Datasheet HTML 1Page - List of Unclassifed Manufacturers URGS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BRITISH STANDARD
URE/URGS/URZ SEMICONDUCTOR PROTECTION FUSES
APPLICATIONS DATA
PROTISTOR® FUSES
250V AC
URE/URGS/URZ from 5 up to 180A
SIZES: 10 X 28 - 17 X 27
Features / Benefits
➤ Extremely high Interrupting rating Fuses:
Protection of power Semiconductors according to
IEC 269.1 and 4
➤ 250V Voltage Rating according to IEC 33
➤ gR Class (Ratings from 5 to 32A) according to VDE 636-
23 and IEC 269.4
➤ Model according to NF C 63210 and 63211 with
built-in blown trip-indicator
➤ 17X27 are UL Recognized
D 104


Similar Part No. - URGS

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
URG0002 ULTRALIFE-URG0002 Datasheet
1Mb / 3P
GenSet Eliminator??Skid
Rev: B
logo
List of Unclassifed Man...
URGB1308B ETC1-URGB1308B Datasheet
1Mb / 15P
PLCC-6 TYPE WATER CLEAR RESIN
URGB1313C ETC1-URGB1313C Datasheet
1Mb / 17P
TOP VIEW TYPE TRI-COLOR
URGB1313F ETC1-URGB1313F Datasheet
1Mb / 17P
RIGHT ANGLE TYPE TRI-COLOR
URGB1314C ETC1-URGB1314C Datasheet
1Mb / 17P
TOP VIEW TYPE TRI-COLOR
More results

Similar Description - URGS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A13X ETC2-A13X Datasheet
430Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
A60X ETC2-A60X Datasheet
435Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com