Electronic Components Datasheet Search
  English  ▼

X  

11550 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 11550
Description  Isolating disk
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

11550 Datasheet(HTML) 1 Page - Festo Corporation.

  11550 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Isolating disk
NSC-1/4-1-ISO
Part number: 11550
General operating condition
Data sheet
Feature
Value
Based on norm
ISO 5599-1
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Product weight
6 g
Material of sub-base
Wrought aluminum alloy
12/19/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 11550

ManufacturerPart #DatasheetDescription
logo
Evolt
11550 EKTOR-11550 Datasheet
116Kb / 2P
LEDFIRE SM ADV IP65
5th of February 2025 06:49:53
logo
Weidmuller
1155010000 WEIDMULLER-1155010000 Datasheet
586Kb / 6P
SL 5.08HC/23/90B 3.2SN OR BX
1155020000 WEIDMULLER-1155020000 Datasheet
586Kb / 6P
SL 5.08HC/24/90B 3.2SN OR BX
1155030000 WEIDMULLER-1155030000 Datasheet
684Kb / 6P
SL 5.08HC/02/90 3.2SN BK BX
1155040000 WEIDMULLER-1155040000 Datasheet
687Kb / 6P
SL 5.08HC/03/90 3.2SN BK BX
More results

Similar Description - 11550

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TEW6038 FILTRAN-TEW6038 Datasheet
31Kb / 1P
Wide Band Isolating/Matching Transformer
logo
List of Unclassifed Man...
DS44049 ETC2-DS44049 Datasheet
712Kb / 1P
SAFETY ISOLATING TRANSFORMER
DS44094 ETC1-DS44094 Datasheet
721Kb / 1P
SAFETY ISOLATING TRANSFORMER
logo
Hammond Manufacturing L...
171A HAMMOND-171A Datasheet
61Kb / 1P
Isolating Line Transformer
logo
List of Unclassifed Man...
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
PHOENIX CONTACT
2810793 PHOENIX-2810793 Datasheet
317Kb / 12P
Configurable 3-way isolating amplifier
logo
Cynergy3 Co
SC-SLIMCON6 CYNERGY3-SC-SLIMCON6 Datasheet
105Kb / 1P
Isolating Signal Converter
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-2U PF-S1SD-1AI-2U Datasheet
820Kb / 4P
Isolating Amplifier/Splitter
2022-01-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com