Electronic Components Datasheet Search
  English  ▼

X  

549043 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 549043
Description  Electrical interface
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

549043 Datasheet(HTML) 1 Page - Festo Corporation.

  549043 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical interface
VABE-S6-1LF-C-A8-E
Part number: 549043
General operating condition
Data sheet
Feature
Value
Mounting position
Any
Fieldbus interface
Socket, M12x1, 4-pin
Plug, M12x1, 4-pin
Max. no. of solenoid coils
8
Number of slaves per device
2
Max. no. of outputs
8
Max. number of inputs
8
Nominal operating voltage DC
24 V
Permissible voltage fluctuations
+/- 10 %
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-20 °C ... 60 °C
Relative air humidity
0 - 90 %
Degree of protection
IP65
Ambient temperature
-5 °C ... 50 °C
Product weight
850 g
Electrical actuation
Fieldbus
Electrical connection
Via CPX
Addressing range
1 ... 31 (0)
Setting using AS-Interface addressing device
Galvanic isolation fieldbus interface
Optocoupler
Note on materials
RoHS-compliant
Seals material
NBR
PUR
Housing material
Die-cast aluminum
PA
12/19/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 549043

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
54904 OSRAM-54904 Datasheet
76Kb / 1P
Upgrades For Popular Projjecttiion Lamps
logo
Festo Corporation.
549042 FESTO-549042 Datasheet
87Kb / 1P
Electrical interface
549044 FESTO-549044 Datasheet
97Kb / 2P
AS-i module
8/10/22
549045 FESTO-549045 Datasheet
100Kb / 2P
AS-i module
8/10/22
549046 FESTO-549046 Datasheet
103Kb / 1P
Multi-pin node
More results

Similar Description - 549043

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540893 FESTO-540893 Datasheet
94Kb / 1P
Electrical interface
7/31/22
540896 FESTO-540896 Datasheet
95Kb / 1P
Electrical interface
7/31/22
573446 FESTO-573446 Datasheet
66Kb / 1P
Electrical interface
8/8/22
573447 FESTO-573447 Datasheet
65Kb / 1P
Electrical interface
8/8/22
573448 FESTO-573448 Datasheet
65Kb / 1P
Electrical interface
8/8/22
573450 FESTO-573450 Datasheet
66Kb / 1P
Electrical interface
8/8/22
573939 FESTO-573939 Datasheet
65Kb / 1P
Electrical interface
8/8/22
546993 FESTO-546993 Datasheet
108Kb / 2P
Electrical interface
8/9/22
552559 FESTO-552559 Datasheet
93Kb / 2P
Electrical interface
8/10/22
552562 FESTO-552562 Datasheet
106Kb / 2P
Electrical interface
8/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com