Electronic Components Datasheet Search
  English  ▼

X  

AD7699 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7699 Datasheet HTML 5Page - Analog Devices AD7699 Datasheet HTML 6Page - Analog Devices AD7699 Datasheet HTML 7Page - Analog Devices AD7699 Datasheet HTML 8Page - Analog Devices AD7699 Datasheet HTML 9Page - Analog Devices AD7699 Datasheet HTML 10Page - Analog Devices AD7699 Datasheet HTML 11Page - Analog Devices AD7699 Datasheet HTML 12Page - Analog Devices AD7699 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Preliminary Technical Data
AD7689
Rev. PrC | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
16384
32768
49152
65536
CODE
Figure 5. Integral Nonlinearity vs. Code, VREF = 5V
00
44
76
00
36872
27695
196433
0
20000
40000
60000
80000
100000
120000
140000
160000
180000
200000
7FFC
7FFD
7FFE
7FFF
8000
8001
8002
8003
8004
CODE IN HEX
σ = 0.44
VREF = 5V
Figure 6. Histogram of a DC Input at Code Center, VREF = 5V
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
FREQUENCY (kHz)
fs = 250 kSPS
fIN = 10.1 kHz
SNR = 91.1 dB
THD = -102 dB
SFDR = 103 dB
SINAD = 91 dB
Figure 7. 10kHz FFT, VREF = 5V
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
0
16384
32768
49152
65536
CODE
Figure 8. Differential Nonlinearity vs. Code, VREF = 5V
00
784
50640
171449
37789
457
10
0
20000
40000
60000
80000
100000
120000
140000
160000
180000
200000
7FFA
7FFB
7FFC
7FFD
7FFE
7FFF
8000
8001
8002
CODE IN HEX
σ = 0.83
VREF = 2.5V
Figure 9. Histogram of a DC Input at Code Center, VREF = 2.5V
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
FREQUENCY (kHz)
fs = 250 kSPS
fIN = 10.1 kHz
SNR = 87.1 dB
THD = -104 dB
SFDR = 104 dB
SINAD = 87 dB
Figure 10. 10kHz FFT, VREF = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com