Electronic Components Datasheet Search
  English  ▼

X  

G751 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G751
Description  Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G751 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G751 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 10Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Ver: 2.7
Dec 26, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G751
Global Mixed-mode Technology Inc.
Internal Register Structure
There are four data registers in the G751, selected
by the Pointer register. At power-up the Pointer is set
to “00”; the location for the Temperature Register.
The Pointer register latches whatever the last loca-
tion it was set to. In Interrupt Mode, a read from the
G751, or placing the device in shutdown mode, re-
sets the O.S. output. All registers are read and write,
except the Temperature register which is read only.
A write to the G751 will always include the address
byte and the Pointer byte. A write to the Configura-
tion register requires one data byte, and the TOS and
THYST registers require two data bytes.
Reading the G751 can take place either of two ways:
If the location latched in the Pointer is correct (most
of the time it is expected that the Pointer will point to
Temperature register because it will be the data
most frequently read from the G751), then the read
can simply consist of an address byte, followed by
retrieving the corresponding number of data bytes. If
the Pointer needs to be set, than an address byte,
pointer byte, repeat start, and another address byte
will accomplish a read.
The first data byte is the most significant byte with
most signification bit first, permitting only as much
data as necessary to be read to determine tempera-
ture condition. For instance, if the first four bits of the
temperature data indicates an overtemperature con-
dition, the host processor could immediately take
action to remedy the excessive temperatures. At the
end of a read, the G751 can accept either Acknowl-
edge or No Acknowledge from the Master (No Ac-
knowledge is typically used as a signal for the salve
that the Master has read its last byte).
An inadvertent 8-bit read from a 16-bit register, with
the D7 bit low, can cause the G751 to stop in a state
where the SDA line is held low as shown in Figure 2.
This can prevent any further bus communication until
at least 9 additional clock cycles have occurred. Al-
ternatively, the master can issue clock cycles until
SDA goes high, at which time issuing a
״
Stop
״
condition will reset the G751.
Figure 2. Inadvertent 8-Bit Read from 16-Bit Register where D7 is Zero
Interface
Pointer Register
(Selects register for
communication
Temperature
(Read-only)
Pointer = 00000000
TOS Set Point
(Read-write)
Pointer = 00000011
Configuration
(Read-write, sets operating
Mode)
Pointer = 00000001
THYST Set Point
(Read-write)
Pointer = 00000010
Register Select
Address
Data
SMBDATA
SMBCLK
Interface
Pointer Register
(Selects register for
communication
Temperature
(Read-only)
Pointer = 00000000
TOS Set Point
(Read-write)
Pointer = 00000011
Configuration
(Read-write, sets operating
Mode)
Pointer = 00000001
THYST Set Point
(Read-write)
Pointer = 00000010
Register Select
Address
Data
SMBDATA
SMBCLK
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D6
D5
D4
D3
D2
D1
D0
SMBCLK
SMBDATA
Start
by
Master
Address Byte
R/W
Bit
Ack
by
G751
Most Significant
Data Byter
Ack
by
Master
D7
Intended Stop by
Master but G751 locks SMBDATA low
Master detects the error
of its ways
Ack
by
Master
Stop
Cond
by
Master
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D6
D5
D4
D3
D2
D1
D0
SMBCLK
SMBDATA
Start
by
Master
Address Byte
R/W
Bit
Ack
by
G751
Most Significant
Data Byter
Ack
by
Master
D7
Intended Stop by
Master but G751 locks SMBDATA low
Master detects the error
of its ways
Ack
by
Master
Stop
Cond
by
Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com