Electronic Components Datasheet Search
  English  ▼

X  

G914X Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G914X
Description  300mA High PSRR, Low-Noise LDO Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G914X Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G914X Datasheet HTML 1Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 2Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 3Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 4Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 5Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 6Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 7Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 8Page - Global Mixed-mode Technology Inc G914X Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Ver: 1.8
Jul 24, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G914X
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN = V O+1V, CIN=1µF, COUT=1µF, V SHDN = VIN, G914D, TA =25°C, unless otherwise noted.)
0
50
100
150
200
250
300
350
400
01
2
345
6
Input Voltage (V)
ILOAD=300mA
ILOAD=50mA
ILOAD=0mA
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
Load Current (mA)
VIN=3.6V
No Load
3.240
3.250
3.260
3.270
3.280
3.290
3.300
3.310
3.320
3.330
3.340
0
50
100
150
200
250
300
Load Current (mA)
G914D
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
234
56
Input Voltage (V)
No Load
0
100
200
300
400
500
600
700
800
900
1000
0
50
100
150
200
250
300
Loading (mA)
G914E
G914H
G914G
TA=25°C
Top to down
G914A
G914B
G914F
G914C
G914D
Dropout Voltage vs. Load Current
Output Voltage vs. Load Current
Output Voltage vs. Input Voltage
Ground Current vs. Load Current
Supply Current vs. Input Voltage
Ouptut Noise 10HZ to 100kHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com