Electronic Components Datasheet Search
  English  ▼

X  

G751-2P8 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G751-2P8
Description  Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G751-2P8 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G751-2P8 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G751-2P8 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G751-2P8 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G751-2P8 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G751-2P8 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G751-2P8 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G751-2P8 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G751-2P8 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G751-2P8 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ver: 2.7
Dec 23, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G751
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Vcc to GND. . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +6V
SMBCLK, SMBDAT, O.S., A0, A1, A2 to GND...-0.3V to +6V
SMBDATA, O.S. Current. . . . . . . . . . .-1mA to +50mA
ESD Protection (human body model). . . . . . . . .2000V
Continuous Power Dissipation (TA= +70°C)
SOP (derate 8.30mW/°C above +70°C) . . . . .667mW
MSOP/TDFN (derate 7.14mW/°C above 70°C). . .571mW
Operating Temperature Range. . . . . -55°C to +125°C
Junction Temperature. . . . . . . . . . . . .. . . . . . .+150°C
Storage temperature Range. . . . . . .-65°C to +165°C
Reflow Temperature (soldering,10sec). . . .. . .+260°C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the opera-
tional sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for +Vs=+3.3V Vdc. Boldface limits apply for TA=TJ=TMIN to
TMAX; all other limits TA=TJ= +25°C, unless otherwise noted.
PARAMETER
CONDITIONS
TYPICAL
LIMITS
UNITS
Accuracy
TA=-25°C to +100°C
TA=-55°C to +125°C
±2.0
±3.0
°C (max)
Resolution
9
Bits
Temperature Conversion Time
100
ms
Quiescent Current
SMBus Inactive
SMBus Active
Shutdown Mode
0.25
1
1.0
mA
mA (max)
µA
O.S. Output Saturation Voltage
IOUT = 4.0mA
0.8
V (max)
O.S. Delay
1
6
Conversions (min)
Conversions (max)
TOS Default Temperature G751-1/G751-2
50/80
°C
THYST Default Temperature G751-1/G751-2
45/75
°C
Block Diagram
Silicon
Bandgap
Temperature
Sensor
Configuration
Register
Pointer
Register
T
HYST Set Point
Register
Temperature
Threshold
Set Point
Comparator
Reset
T
OS Set Point
Register
Two-Wire Interface
9-Bit Delta-Sigma
Analog-to-Digital
Converter
4
1
2
3
O.S.
7
6
5
A0
A1
A2
8 +VS 3.0V - 5.5V
SMBDATA
SMBCLK
Silicon
Bandgap
Temperature
Sensor
Configuration
Register
Pointer
Register
T
HYST Set Point
Register
Temperature
Threshold
Set Point
Comparator
Reset
T
OS Set Point
Register
Two-Wire Interface
9-Bit Delta-Sigma
Analog-to-Digital
Converter
4
1
2
3
O.S.
7
6
5
A0
A1
A2
8 +VS 3.0V - 5.5V
SMBDATA
SMBCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com