Electronic Components Datasheet Search
  English  ▼

X  

G1213 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G1213
Description  Low power, Single, SOT-23-5, Rail-to-rail OP Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1213 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G1213 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1213 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1213 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1213 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1213 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1213 Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ver: 1.1
Nov 11, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G1213
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings (Note1)
Supply Voltage (VDD to VSS)…………………….…+7.0V
All Other Pins…………………(Vss-0.3V) to (VDD+0.3V)
Operating Ambient Temperature ……...-20°C to +85°C
Storage Temperature Range…….……-65°C to +150°C
Notes:
1. Absolute Maximum Ratings are limits beyond which damage to the device may occur.
Thermal Characteristics
PARAMETER
SYMBOL
VALUE
UNIT
Thermal resistance from junction to ambient in free air SOT-23-5
Rthj-a
240
°C/W
Electrical Characteristics
VDD = 5V; VSS = 0V; Tamb = 25°C; fi = 1kHz; VCM=VDD/2, RL = 2KΩ connected to VDD/2; unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
Supply voltage
4.0
5.0
6.0
V
Single
4.0
5.0
6.0
V
Dual
VDD
2
2.5
3.0
V
Negative supply voltage (dual)
VSS
-2.0
-2.5
-3.0
V
Supply current
IDD
no load
---
0.85
1.2
mA
Total power dissipation
Ptot
no load
---
4.25
6.0
mW
DC Characteristics
Input offset voltage
VI (OS)
---
±1.5
±6
mV
Common mode voltage
VCM
0
5.0
V
Input Bias Current
IB
---
±0.05
---
nA
Input Bias Current Offset
IOS
---
±0.05
---
nA
Input Resistance
RIN
---
1000
---
M
Ω
Large-Signal Voltage Gain
AV
---
80
---
dB
Maximum output current
IO
---
100
---
mA
Output resistance
RO
Open-loop, RL= 20Ω
---
5.5
---
Ω
RL = 32Ω
1.0
---
4.0
V
Output voltage swing
VO
RL = 2kΩ
0.1
---
4.9
V
Power supply rejection ratio
PSRR
fi = 1kHz;
Vripple(peak) = 1V
---
60
---
dB
Common-Mode Rejection Ratio
CMRR
---
56
---
dB
AC Characteristics
Note 2
Total harmonic distortion
THD
RL = 2kΩ, Note 2
---
< 0.1
---
%
Gain-Bandwidth Product
GBWP
Open-loop; No Load
---
3.0
---
MHz
Slew-Rate
SR
Measured from 30% to 70% of 5Vp-p
step
---
4
---
V/µs
Phase Margin
PM
---
60
---
deg
Maximum output power
PO
Note 1; RL = 32Ω
---
135
---
mW
Power bandwidth
B
Unity gain; RL = 32Ω
---
25
---
KHz
Notes:
1. Values are proportional to VDD; THD < 0.1%
2. VDD = 5.0V; VO (P-P) = 4.0V (at 0 dB)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com