Electronic Components Datasheet Search
  English  ▼

X  

QEV101 Datasheet(PDF) 2 Page - Rakon Limited

Part # QEV101
Description  Standard SMD VCXO | Wireless Communications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

QEV101 Datasheet(HTML) 2 Page - Rakon Limited

  QEV101 Datasheet HTML 1Page - Rakon Limited QEV101 Datasheet HTML 2Page - Rakon Limited QEV101 Datasheet HTML 3Page - Rakon Limited QEV101 Datasheet HTML 4Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Standard SMD VCXO | Wireless Communications
Issue: H, 29 November 2022
Specifications are subject to change without notice
Copyright © 2008 to 2022 Rakon Limited. All rights reserved
Page 2 of 4
www.rakonxpress.com
Environmental Specifications
Parameter
Test condition / Description
Mechanical vibration
10g, Frequency: 10Hz ~ 2KHz according to standard CEI 68-2-63
Shock
100g, 6ms according to standard CEI 68-2-27
Order Part Example – QEV101.B.A.B / 10.000MHZ
Parameter
Product family and
package
Frequency stability over
Temperature (FvT)
Supply Voltage
(Vcc)
Pullability
Nominal Frenquency
(Fn. MHz)
Code
QEV101
B
A
B
10.000MHZ
Decode
QEV = VCXO
101 = SMD, 7 x 5 mm
A = ±50ppm vs 0 to +70°C
B = ±50ppm vs -40 to +85°C
C = ±25ppm vs 0 to +70°C
D = ±25ppm vs -40 to +85°C
A = 5.0V
D = 3.3V
M = 2.5V
N = 1.8V
A = ±100ppm min
B = ±150ppm min
D = ±50ppm min
Please enter Fn
Model Outline, Recommended Pad Layout and Marking
Pin Connections
1
Vc
2
Tri-state
(Open = Active, 1 = Active, 0 = High Z)
3
GND
4
Output
5
NC
6
Vcc
Marking
Note
Line 1
NV1BAB
Product code: N = Manufacturing code, V1 = 7x5
SMD VCXO, B = ±50ppm vs -40 to +85°C, A = Vcc 5.0V,
B = Pullability ±150ppm min.
Line 2
10.000
Frequency in MHz (6 digits)
Line 3
2214
Date code: 22 = 2022, 14 = Week 14 of the year
NOTE:
Dimension unit is in millimetre.
1.4
1.0
5.0
1
2
3
6
5
4
BOTTOM VIEW
RECOMMENDED PAD LAYOUT
(TOP VIEW)
2.0
1.8
4.2
5.0
FRONT VIEW
TOP VIEW
2.0 max
5.2 max
7.2
Marking



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com