Electronic Components Datasheet Search
  English  ▼

X  

QEV07CDD Datasheet(PDF) 1 Page - Rakon Limited

Part # QEV07CDD
Description  Standard SMD VCXO | Wireless Communications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

QEV07CDD Datasheet(HTML) 1 Page - Rakon Limited

  QEV07CDD Datasheet HTML 1Page - Rakon Limited QEV07CDD Datasheet HTML 2Page - Rakon Limited QEV07CDD Datasheet HTML 3Page - Rakon Limited QEV07CDD Datasheet HTML 4Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Standard SMD VCXO | Wireless Communications
Issue: A, 20 December 2022
Specifications are subject to change without notice
Copyright © 2022 Rakon Limited. All rights reserved
Page 1 of 4
www.rakonxpress.com
QEV07
3.2 x 2.5 mm, SMD
Frequency and Electrical Characteristics
Parameter
Min.
Typ.
Max.
Unit
Test condition / Description
Nominal frequency (Fn)
1.8V (Pin 1 Vc=0.9±0.6V)
2.5V (Pin 1 Vc=1.25±1.05V)
3.3V (Pin 1 Vc=1.65±1.35V)
4
4
1
54
54
170
MHz
Operating temperature range
0 to +70
-40 to +85
°C
See ‘Order Part Example’
Frequency stability over
temperature1
±25 to ±100
ppm
Referenced to frequency reading at 25°C
and the specified load capacitance
Storage temperature range
-55
+125
°C
Long-term stability (Ageing)
±3
ppm
Frequency drift over 1 year at 25°C
Power supply voltage(VCC)
1.8V (N option
2.5V (M option)
3.3V (D option)
1.710
2.375
3.135
1.8
2.5
3.3
1.890
2.625
3.465
VDC
See ‘Order Part Example’
Input current
35
mA
Custom option available on request
Output load (CMOS)
15
pF
Output logic levels
Output logic high (VOH)
Output logic low (VOL)
90%Vcc
10%Vcc
VDC
With 15pF CMOS load
Pullability
±50
±ppm
Custom option available on request
Linearity
10
%
Frequency slope
Positive
Duty cycle
45
50
55
%
Rise time (Tr) & Fall time (Tf)
10
ns
Start-up time
5
ms
Input impedance
100
KΩ
RMS phase jitter [12kHz ~ 20MHz]
1.0
ps
Period jitter (pk-pk)
25
ps
Modulation bandwidth
15
kHz
At -3dB
1
Include 25°C tolerance, operating temperature range, input voltage change (VCC ±5%), load change (15pF ±10%), first year ageing, shock and vibration.


Similar Part No. - QEV07CDD

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
QEV05 RAKON-QEV05 Datasheet
489Kb / 4P
Standard SMD VCXO | Wireless Communications
20 December 2022
QEV05AAA RAKON-QEV05AAA Datasheet
489Kb / 4P
Standard SMD VCXO | Wireless Communications
20 December 2022
QEV05AAB RAKON-QEV05AAB Datasheet
489Kb / 4P
Standard SMD VCXO | Wireless Communications
20 December 2022
QEV05AAD RAKON-QEV05AAD Datasheet
489Kb / 4P
Standard SMD VCXO | Wireless Communications
20 December 2022
QEV05ADA RAKON-QEV05ADA Datasheet
489Kb / 4P
Standard SMD VCXO | Wireless Communications
20 December 2022
More results

Similar Description - QEV07CDD

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
3.3 Volt Communications Clock VCXO PLL
Revision 032504
logo
TEMEX
QEV101 TEMEX-QEV101 Datasheet
721Kb / 5P
SMD 7x5 VCXO - Communications Equipment Application
logo
List of Unclassifed Man...
FVO13AA3 ETC2-FVO13AA3 Datasheet
193Kb / 1P
CERAMIC SMD VCXO
logo
ECS, Inc.
ECS-2532VXO ECS-ECS-2532VXO Datasheet
254Kb / 2P
SMD VCXO
logo
Jauch Quartz Gmbh
JVE75B JAUCH-JVE75B Datasheet
195Kb / 2P
SMD PECL VCXO
logo
Agilent(Hewlett-Packard...
E6890A HP-E6890A Datasheet
201Kb / 6P
Wireless Communications Test Set
E6833A HP-E6833A Datasheet
203Kb / 6P
Wireless Communications Test Set
logo
AiT Semiconductor Inc.
KVC3225 AITSEMI-KVC3225 Datasheet
253Kb / 1P
SMD COMS VCXO
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Transko Electronics, In...
TSMV TRANSKO-TSMV Datasheet
289Kb / 1P
VCXO STANDARD CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev. 5: 02-26-20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com