Electronic Components Datasheet Search
  English  ▼

X  

P124 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # P124
Description  PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

P124 Datasheet(HTML) 1 Page - Polyfet RF Devices

  P124 Datasheet HTML 1Page - Polyfet RF Devices P124 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
polyfet rf devices
P124
10
Single Ended
SO8
16.0
2.4
15.0
10.00 C/W
40
0.4
4.60
0.4
50
1.20
3.20
1.6
15
0.04
50
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
DC Drain
Current
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
200 C
A
V
Load Mismatch Tolerance
VSWR
Drain to
Gate
Voltage
20:1
Relative
0.40
20.00
Ids =
mA, Vgs = 0V
V, Vgs = 0V
Ciss
Crss
Coss
Vds =
Idq =
A, Vds =
V, F =
0.40
Bvdss
Idss
Drain Breakdown Voltage
V
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Idq =
Idq = 0.40
850
Vgs = 20V, Ids =
Rdson
Saturation Resistance
Forward Transconductance
gM
Vds = 10V, Vgs = 5V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
850
850
Common Source Input Capacitance
50
V
Igss
Vgs
Idsat
Zero Bias Drain Current
Gate Leakage Current
Gate Bias for Drain Current
Saturation Current
1
7
uA
V
Mho
Ohm
Amp
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS (
4.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
12.5
A, Vds =
V, F =
A, Vds =
V, F =
12.5
12.5
Watts
V
1
MHz
MHz
MHz
Watts
Package Style
4.0
Vds = 0V Vgs = 30V
Vgs = 20V, Vds = 10V
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
12.5
Vds =
A, Vgs = Vds
Ids =
A
η
dB
%
o
o
o
o
o
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Militry Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
"Polyfet" process features
low feedback and output capacitances
resulting in high F transistors with high
input impedance and high efficiency.
TM
t
SILICON GATE ENHANCEMENT MODE
RF POWER
TRANSISTOR
VDMOS
Vgs = 0V, F = 1 MHz
12.5
Vds =
Vgs = 0V, F = 1 MHz
12.5
Vds =
Vgs = 0V, F = 1 MHz
12.5
REVISION 11/27/2000
30
PATENTED GOLD METALLIZED
25 C )
WATTS OUTPUT )


Similar Part No. - P124

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P124 IRF-P124 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P124 IRF-P124 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Connor-Winfield Corpora...
P124 CONNOR-WINFIELD-P124 Datasheet
214Kb / 2P
CERAMIC SURFACE MOUNT 3.3V LVPECL 5x7.5mm CLOCK
logo
Vishay Siliconix
P124 VISHAY-P124 Datasheet
179Kb / 6P
Passivated Assembled Circuit Elements, 25 A
04-Nov-09
logo
Permco, Inc.
P124 PERMCO-P124 Datasheet
172Kb / 2P
SMALL BUSHING
More results

Similar Description - P124

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1021 POLYFET-F1021 Datasheet
38Kb / 2P
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
F1058 POLYFET-F1058 Datasheet
38Kb / 2P
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
F1060 POLYFET-F1060 Datasheet
38Kb / 2P
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
F1081 POLYFET-F1081 Datasheet
40Kb / 2P
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR???
F1170 POLYFET-F1170 Datasheet
43Kb / 2P
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR???
P121 POLYFET-P121 Datasheet
32Kb / 2P
PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
P122 POLYFET-P122 Datasheet
43Kb / 2P
PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
P123 POLYFET-P123 Datasheet
38Kb / 2P
PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
P281 POLYFET-P281 Datasheet
38Kb / 2P
PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
P282 POLYFET-P282 Datasheet
39Kb / 2P
PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com