Electronic Components Datasheet Search
  English  ▼

X  

7N65 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 7N65
Description  7 Amps, 650 Volts 7 Amps, 650 Volts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N65 Datasheet(HTML) 7 Page - Unisonic Technologies

  7N65 Datasheet HTML 1Page - Unisonic Technologies 7N65 Datasheet HTML 2Page - Unisonic Technologies 7N65 Datasheet HTML 3Page - Unisonic Technologies 7N65 Datasheet HTML 4Page - Unisonic Technologies 7N65 Datasheet HTML 5Page - Unisonic Technologies 7N65 Datasheet HTML 6Page - Unisonic Technologies 7N65 Datasheet HTML 7Page - Unisonic Technologies 7N65 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-104,A
TYPICAL CHARACTERISTICS(Cont.)
0
0
Drain Current, ID (A)
510
VGS=20V
0.5
1.0
2.0
2.5
On-Resistance Variation vs. Drain
Current and Gate Voltage
1.5
15
20
25
Note: TJ=25℃
VGS=10V
1
0.1
0.2
Source-Drain Voltage, VSD (V)
On State Current vs. Allowable Case
Temperature
1.8
0.4 0.6 0.8 1.0 1.2
1.6
1.4
10
150℃
25℃
Notes:
1. VGS=0V
2. 250µs Test
2000
0
0.1
Drain-SourceVoltage, VDS (V)
1600
400
110
Ciss
1200
800
Notes:
1. VGS=0V
2. f = 1MHz
Ciss=Cgs+Cgd (Cds=shorted )
C
oss=Cds+Cgd
C
rss=Cgd
Capacitance Characteristics
(Non-Repetitive)
0
Total Gate Charge, QG (nC)
10
30
50
8
10
12
20
6
4
2
0
VDS=130V
VDS=520V
VDS=325V
40
Gate Charge Characteristics
Coss
Crss
60
70
Note: ID=7A
Notes :
1. θJC (t) = 0.88℃/W Max.
2. Duty Factor , D=t1/t2
3.TJM-TC=PDM×θJC (t)
1
0.1
0.01
1E-5 1E-4 1E-3 0.01 0.1
1
10
Square Wave Pulse Duration, t1 (sec)
Transient Thermal Response
Curve



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com