Electronic Components Datasheet Search
  English  ▼

X  

AD628 Datasheet(PDF) 2 Page - Analog Devices

Part # AD628
Description  Precision, Dual-Channel Difference Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628 Datasheet(HTML) 2 Page - Analog Devices

  AD628 Datasheet HTML 1Page - Analog Devices AD628 Datasheet HTML 2Page - Analog Devices AD628 Datasheet HTML 3Page - Analog Devices AD628 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AD8270
Preliminary Technical Data
Rev. PrA | Page 2 of 4
SPECIFICATIONS
VS = ±15 V, VREF = 0 V, TA = 25°C, G = 1, RL = 2 kΩ, unless otherwise noted.
Table 2.
G = 1/2
G = 1
G = 2
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth
15
10
5
MHz
Slew Rate
30
30
30
V/μs
Settling Time to 0.01%
10V Step on output
700
800
850
ns
Settling Time to 0.001%
10V Step on output
800
900
950
ns
NOISE/DISTORTION
Harmonic Distortion
f = 1 kHz, VOUT= 20 Vpp
100
100
100
dBc
f = 10 kHz, VOUT= 20 Vpp
100
100
100
dBc
f = 100 kHz, VOUT= 20 Vpp
90
90
90
dBc
Output Voltage Noise
(referred to input)
f = 0.1 Hz to 10 Hz
μV p-p
f = 1 kHz
45
30
16
nV/√Hz
GAIN
Gain Error
0.05
0.05
0.05
%
Gain Drift
1
10
1
10
1
10
ppm/°C
Gain Nonlinearity
10
40
10
40
10
40
ppm
INPUT CHARACTERISTICS
Offset
100
400
100
400
100
400
μV
Overtemperature
μV
Drift
2
8
2
8
2
8
μV/°C
Common Mode Rejection
Ratio
DC to 10 kHz
74
94
80
100
86
106
dB
Power Supply Rejection
Ratio
DC to 10 kHz
dB
Input Voltage Range
-15.4
15.4
-15.4
15.4
-15.4
15.4
V
Impedance
Differential
20
20
10
kΩ
Common Mode
7.5
10
7.5
kΩ
OUTPUT CHARACTERISTICS
Output Swing
-13.5
-13.5
-13.5
V
-40°C<TA<85°C
-13
-13
-13
V
Short circuit current limit
60
60
60
mA
POWER SUPPLY
Supply Current
(per Amplifier)
2.5
3
2.5
3
2.5
3
mA
-40°C<TA<85°C
3
4
3
4
3
4
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com