Electronic Components Datasheet Search
  English  ▼

X  

AD8202 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8202
Description  Precision, Dual-Channel Difference Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8202 Datasheet(HTML) 1 Page - Analog Devices

  AD8202 Datasheet HTML 1Page - Analog Devices AD8202 Datasheet HTML 2Page - Analog Devices AD8202 Datasheet HTML 3Page - Analog Devices AD8202 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Precision, Dual-Channel
Difference Amplifier
Preliminary Technical Data
AD8270
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
With no external resistors:
Difference Amplifier: Gains: 0.5, 1, 2
Inverting Amplifier: Gains: 0.5, 1, 2
Noninverting Amplifier: Gains: 1.5, 2, 3
Set reference voltage at 0, +Vs/2, or +Vs
Excellent AC Specifications
10 MHz bandwidth
30V/μs slew rate
Low Distortion
-90 dBc @ 100 kHz, 20Vpp, 600
Ω load
High Accuracy DC Performance
0.05% gain accuracy
10 ppm gain drift
400 uV offset voltage
80 dB CMRR
Two channels in small 4 mm × 4 mm LFCSP
Supply current: 2.5 mA per channel
Supply range: ±2.5 V to ±18 V
APPLICATIONS
Instrumentation Amplifier Building Block
Level Translator
Automatic Test Equipment
High Performance Audio
Sin/Cos Encoders
GENERAL DESCRIPTION
The AD8270 is a low distortion, dual-channel amplifier with
internal gain setting resistors. With no external components, it
can be configured as a high performance difference amplifier
(G=0.5, 1, or 2), inverting amplifier (G=0.5, 1, or 2) or non-
inverting amplifier (G=1.5, 2, or 3).
FUNCTIONAL BLOCK DIAGRAM
AD8270
1
2
3
4
12
11
10
9
56
7
8
13
14
15
16
–IN1
–IN1
+IN1
+IN1
–IN2
–IN2
+IN2
+IN2
10k
10k
10k
10k
10k
10k
10k
10k
10k
10k
20k
20k
20k
20k
Figure 1. AD8270 Dual Difference Amplifier
Table 1. Difference Amplifiers by Category
Low
Distortion
High
Voltage
Single Supply
Uni-directional
Single Supply
Bi-directional
AD8270
AD8273
AMP03
AD628
AD629
AD8212
AD8202
AD8203
AD8205
AD8206
AD8210
The AD8270 is the first dual difference amplifier in the small 4
mm × 4mm LFCSP. It requires the same board area as a typical
single difference amplifier. The smaller package allows a 2X
increase in channel density and a lower cost per channel, all
with no compromise in performance.
The AD8270 operates on both single and dual supplies and only
requires 2.5 mA maximum supply current for both amplifiers. It
is specified over the industrial temperature range of −40°C to
+85°C and is fully RoHS compliant.


Similar Part No. - AD8202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8202 AD-AD8202 Datasheet
269Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
7/04-Revision 0
AD8202 AD-AD8202 Datasheet
337Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
logo
Aavid, Thermal Division...
AD8202 AAVID-AD8202 Datasheet
375Kb / 16P
Very Low Distortion, Precision Difference Amplifier
Rev. C
AD8202 AAVID-AD8202 Datasheet
398Kb / 16P
G = 0.2, Level Translation, 16-Bit ADC Driver
Rev. A
More results

Similar Description - AD8202

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8273 AD-AD8273 Datasheet
144Kb / 4P
Dual-Channel Audio Difference Amplifier
AD8270 AD-AD8270_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
1/08-Revision 0
AD8273 AD-AD8273_08 Datasheet
425Kb / 16P
Dual-Channel, Audio Difference Amplifier
1/08-Revision 0
logo
Texas Instruments
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
Precision Voltage Difference Amplifier
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
Precision Voltage Difference Amplifier
logo
Analog Devices
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
Precision Dual-Channel, Difference Amplifier
REV. 0
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
High Voltage, Precision Difference Amplifier
12/2016-Rev. B to Rev. C
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
Precision Dual-Channel Difference Amplifier
May-2016
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com