Electronic Components Datasheet Search
  English  ▼

X  

M74HC163 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC163
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC163 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC163 Datasheet HTML 1Page - STMicroelectronics M74HC163 Datasheet HTML 2Page - STMicroelectronics M74HC163 Datasheet HTML 3Page - STMicroelectronics M74HC163 Datasheet HTML 4Page - STMicroelectronics M74HC163 Datasheet HTML 5Page - STMicroelectronics M74HC163 Datasheet HTML 6Page - STMicroelectronics M74HC163 Datasheet HTML 7Page - STMicroelectronics M74HC163 Datasheet HTML 8Page - STMicroelectronics M74HC163 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2001
s
HIGH SPEED :
fMAX = 62 MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 163
DESCRIPTION
The
M74HC163
is
an
high
speed
CMOS
SYNCHRONOUS 4 BIT BINARY PRESETTABLE
COUNTER fabricated with silicon gate C2MOS
technology.
The CLOCK input is active on the rising edge.
Both LOAD and CLEAR inputs are active LOW.
Presetting is synchronous on the rising edge of
the clock, the function is synchronous to the
CLOCK. Two enable inputs (TE and PE) and
CARRY output are provided to enable easy
cascading of counters, which facilities easy
implementation of N-bit counters without using
external gates.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC163
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC163B1R
SOP
M74HC163M1R
M74HC163RM13TR
TSSOP
M74HC163TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
331Kb / 16P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-1993
M74HC163B1R STMICROELECTRONICS-M74HC163B1R Datasheet
331Kb / 16P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-1993
M74HC163C1R STMICROELECTRONICS-M74HC163C1R Datasheet
331Kb / 16P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-1993
M74HC163F1R STMICROELECTRONICS-M74HC163F1R Datasheet
331Kb / 16P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-1993
M74HC163M1R STMICROELECTRONICS-M74HC163M1R Datasheet
331Kb / 16P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-1993
More results

Similar Description - M74HC163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
29-Jul-2004
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
2001-Apr
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-2001
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
29-Jul-2004
74ACT161 STMICROELECTRONICS-74ACT161_01 Datasheet
335Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-2001
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com