Electronic Components Datasheet Search
  English  ▼

X  

TL496C Datasheet(PDF) 2 Page - Texas Instruments

Part # TL496C
Description  9-V POWER-SUPPLY CONTROLLERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL496C Datasheet(HTML) 2 Page - Texas Instruments

  TL496C Datasheet HTML 1Page - Texas Instruments TL496C Datasheet HTML 2Page - Texas Instruments TL496C Datasheet HTML 3Page - Texas Instruments TL496C Datasheet HTML 4Page - Texas Instruments TL496C Datasheet HTML 5Page - Texas Instruments TL496C Datasheet HTML 6Page - Texas Instruments TL496C Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TL496C, TL496Y
9-VOLT POWER-SUPPLY CONTROLLERS
SLVS012B – AUGUST 1978 – REVISED AUGUST 1995
4–2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL496Y chip information
This chip, when properly assembled, displays characteristics similar to the TL496C. Thermal compression or
ultrasonic bonding may be used on the doped aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax= 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
68
74
TL496Y
(2)
(6)
(1)
(3)
(4)
(7)
(5)
GND
SW
GND
T INPUT
1C INPUT
2C INPUT
FEEDBACK
(8)
OUTPUT
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com