Electronic Components Datasheet Search
  English  ▼

X  

AM67X Datasheet(PDF) 133 Page - Texas Instruments

Part # AM67X
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67X Datasheet(HTML) 133 Page - Texas Instruments

Back Button AM67X Datasheet HTML 129Page - Texas Instruments AM67X Datasheet HTML 130Page - Texas Instruments AM67X Datasheet HTML 131Page - Texas Instruments AM67X Datasheet HTML 132Page - Texas Instruments AM67X Datasheet HTML 133Page - Texas Instruments AM67X Datasheet HTML 134Page - Texas Instruments AM67X Datasheet HTML 135Page - Texas Instruments AM67X Datasheet HTML 136Page - Texas Instruments AM67X Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 237 page
background image
6.9.5.6 DDRSS
For more details about features and additional description information on the device LPDDR4 Memory Interface,
see the corresponding subsections within Signal Descriptions and Detailed Description sections.
Table 6-43 and Figure 6-35 present switching characteristics for DDRSS.
Table 6-43. DDRSS Switching Characteristics
see Figure 1-1
NO.
PARAMETER
DDR TYPE
CORE VOLTAGE
MIN
MAX UNIT
1
tc(DDR_CKP/
DDR_CKN)
Cycle time, DDR_CKP and DDR_CKN
LPDDR
0.75-V Operation
0.536(1)
20
ns
0.85-V Operation
.500(1)
20
ns
(1)
Maximum DDR Frequency will be limited based on the specific memory type (vendor) used in a system and by PCB implementation.
TI strongly recommends all designs to follow the TI LPDDR4 EVM PCB layout exactly in every detail (routing, spacing, vias/backdrill,
PCB material, etc.) in order to achieve the full specified clock frequency. Refer to the Jacinto 7 LPDDR4 Board Design and Layout
Guidelines for details.
DDR0_CKP
1
DDR0_CKN
Figure 6-35. DDRSS Switching Characteristics
For more information, see DDR Subsystem (DDRSS) section in Memory Controllers chapter in the device TRM.
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
133
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com