Electronic Components Datasheet Search
  English  ▼

X  

AM67X Datasheet(PDF) 28 Page - Texas Instruments

Part # AM67X
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67X Datasheet(HTML) 28 Page - Texas Instruments

Back Button AM67X Datasheet HTML 24Page - Texas Instruments AM67X Datasheet HTML 25Page - Texas Instruments AM67X Datasheet HTML 26Page - Texas Instruments AM67X Datasheet HTML 27Page - Texas Instruments AM67X Datasheet HTML 28Page - Texas Instruments AM67X Datasheet HTML 29Page - Texas Instruments AM67X Datasheet HTML 30Page - Texas Instruments AM67X Datasheet HTML 31Page - Texas Instruments AM67X Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 237 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
B8
MCU_UART0_RXD
PADCONFIG
MCU_PADCONFIG5
0x04084014
MCU_UART0_RXD
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
MCU_GPIO0_5
7
IO
pad
B4
MCU_UART0_TXD
PADCONFIG
MCU_PADCONFIG6
0x04084018
MCU_UART0_TXD
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
MCU_GPIO0_6
7
IO
pad
AC24
MDIO0_MDC
PADCONFIG
PADCONFIG88
0x000F4160
MDIO0_MDC
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
GPIO0_86
7
IO
pad
AD25
MDIO0_MDIO
PADCONFIG
PADCONFIG87
0x000F415C
MDIO0_MDIO
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
GPIO0_85
7
IO
pad
AC1
MMC0_CALPAD
MMC0_CALPAD
A
1.8 V
VDDS_MMC0
eMMCPHY
AE1
MMC0_CLK
MMC0_CLK
IO
0
On / Low / Off
On / SS / Off
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
AE2
MMC0_CMD
MMC0_CMD
IO
1
On / Off / Up
On / SS / Up
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
AD1
MMC0_DS
MMC0_DS
IO
1
On / Off / Down
On / Off / Down
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
H24
MMC1_CLK
PADCONFIG
PADCONFIG141
0x000F4234
MMC1_CLK
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
TIMER_IO4
2
IO
0
UART3_RXD
3
IO
0
SPI1_CS0
5
IO
0
SPI2_CS2
6
IO
0
GPIO1_46
7
IO
0
H22
MMC1_CMD
PADCONFIG
PADCONFIG143
0x000F423C
MMC1_CMD
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
TIMER_IO5
2
IO
1
UART3_TXD
3
IO
1
SPI1_CLK
5
IO
1
SPI2_CS0
6
IO
1
GPIO1_47
7
IO
1
B24
MMC1_SDCD
PADCONFIG
PADCONFIG144
0x000F4240
MMC1_SDCD
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART6_RXD
1
I
0
TIMER_IO6
2
I
0
UART3_RTSn
3
I
0
MCAN1_TX
4
I
0
SPI1_CS3
5
I
0
SPI2_CLK
6
I
0
GPIO1_48
7
I
0
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com