Electronic Components Datasheet Search
  English  ▼

X  

AM67X Datasheet(PDF) 164 Page - Texas Instruments

Part # AM67X
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67X Datasheet(HTML) 164 Page - Texas Instruments

Back Button AM67X Datasheet HTML 160Page - Texas Instruments AM67X Datasheet HTML 161Page - Texas Instruments AM67X Datasheet HTML 162Page - Texas Instruments AM67X Datasheet HTML 163Page - Texas Instruments AM67X Datasheet HTML 164Page - Texas Instruments AM67X Datasheet HTML 165Page - Texas Instruments AM67X Datasheet HTML 166Page - Texas Instruments AM67X Datasheet HTML 167Page - Texas Instruments AM67X Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 237 page
background image
6.9.5.14 I2C
The device contains six multicontroller Inter-Integrated Circuit (I2C) controllers. Each I2C controller was
designed to be compliant to the Philips I2C-bus™ specification version 2.1. However, the device IOs are not
fully compliant to the I2C electrical specification. The speeds supported and exceptions are described per port
below:
• I2C0, I2C1, I2C2, and I2C3
– Speeds:
• Standard-mode (up to 100Kbits/s)
– 1.8V
– 3.3V
• Fast-mode (up to 400Kbits/s)
– 1.8V
– 3.3V
– Exceptions:
• The IOs associated with these ports are not compliant to the fall time requirements defined in the I2C
specification because they are implemented with higher performance LVCMOS push-pull IOs that were
designed to support other signal functions that could not be implemented with I2C compatible IOs. The
LVCMOS IOs being used on these ports are connected such they emulate open-drain outputs. This
emulation is achieved by forcing a constant low output and disabling the output buffer to enter the Hi-Z
state.
• The I2C specification defines a maximum input voltage VIH of (VDD
max + 0.5V), which exceeds the
absolute maximum ratings for the device IOs. The system must be designed to ensure the I2C signals
never exceed the limits defined in the Absolute Maximum Ratings section of this datasheet.
• MCU_I2C0 and WKUP_I2C0
– Speeds:
• Standard-mode (up to 100Kbits/s)
– 1.8V
– 3.3V
• Fast-mode (up to 400Kbits/s)
– 1.8V
– 3.3V
• Hs-mode (up to 3.4Mbits/s)
– 1.8V
– Exceptions:
• The IOs associated with these ports were not design to support Hs-mode while operating at 3.3V. So
Hs-mode is limited to 1.8V operation.
• The rise and fall times of the I2C signals connected to these ports must not exceed a slew rate of
0.08V/ns (or 8E+7V/s) when operating at 3.3V. This limit is more restrictive than the minimum fall time
limits defined in the I2C specification. Therefore, it may be necessary to add additional capacitance to
the I2C signals to slow the rise and fall times such that they do not exceed a slew rate of 0.08V/ns.
• The I2C specification defines a maximum input voltage VIH of (VDD
max + 0.5V), which exceeds the
absolute maximum ratings for the device IOs. The system must be designed to ensure the I2C signals
never exceed the limits defined in the Absolute Maximum Ratings section of this datasheet.
Note
I2C3 has one or more signals which can be multiplexed to more than one pin. Timing is only valid for
specific pin combinations known as IOSETs. Valid pin combinations or IOSETs for this interface are
defined in the SysConfig-PinMux Tool.
Refer to the Philips I2C-bus specification version 2.1 for timing details.
For more details about features and additional description information on the device Inter-Integrated Circuit, see
the corresponding subsections within Signal Descriptions and Detailed Description sections.
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
164
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com