Electronic Components Datasheet Search
  English  ▼

X  

AM67X Datasheet(PDF) 179 Page - Texas Instruments

Part # AM67X
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67X Datasheet(HTML) 179 Page - Texas Instruments

Back Button AM67X Datasheet HTML 175Page - Texas Instruments AM67X Datasheet HTML 176Page - Texas Instruments AM67X Datasheet HTML 177Page - Texas Instruments AM67X Datasheet HTML 178Page - Texas Instruments AM67X Datasheet HTML 179Page - Texas Instruments AM67X Datasheet HTML 180Page - Texas Instruments AM67X Datasheet HTML 181Page - Texas Instruments AM67X Datasheet HTML 182Page - Texas Instruments AM67X Datasheet HTML 183Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 237 page
background image
6.9.5.18.1.1 Legacy SDR Mode
Table 6-83, Figure 6-68, Table 6-84, and Figure 6-69 present timing requirements and switching characteristics
for MMC0 – Legacy SDR Mode.
Table 6-83. MMC0 Timing Requirements – Legacy SDR Mode
see Figure 6-68
NO.
IO
Operating
Voltage
MIN
MAX
UNIT
LSDR1
tsu(cmdV-clkH)
Setup time, MMC0_CMD valid before MMC0_CLK rising edge
1.8V
4.2
ns
3.3V
2.15
ns
LSDR2
th(clkH-cmdV)
Hold time, MMC0_CMD valid after MMC0_CLK rising edge
1.8V
0.87
ns
3.3V
1.67
ns
LSDR3
tsu(dV-clkH)
Setup time, MMC0_DAT[7:0] valid before MMC0_CLK rising edge
1.8V
4.2
ns
3.3V
2.15
ns
LSDR4
th(clkH-dV)
Hold time, MMC0_DAT[7:0] valid after MMC0_CLK rising edge
1.8V
0.87
ns
3.3V
1.67
ns
Figure 6-68. MMC0 – Legacy SDR – Receive Mode
Table 6-84. MMC0 Switching Characteristics – Legacy SDR Mode
see Figure 6-69
NO.
PARAMETER
IO
Operating
Voltage
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC0_CLK
25
MHz
LSDR5
tc(clk)
Cycle time, MMC0_CLK
40
ns
LSDR6
tw(clkH)
Pulse duration, MMC0_CLK high
18.7
ns
LSDR7
tw(clkL)
Pulse duration, MMC0_CLK low
18.7
ns
LSDR8
td(clkL-cmdV)
Delay time, MMC0_CLK falling edge to MMC0_CMD transition
1.8V
-2.1
2.1
ns
3.3V
-1.8
2.2
ns
LSDR9
td(clkL-dV)
Delay time, MMC0_CLK falling edge to MMC0_DAT[7:0] transition
1.8V
-2.1
2.1
ns
3.3V
-1.8
2.2
ns
Figure 6-69. MMC0 – Legacy SDR – Transmit Mode
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
179
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com