Electronic Components Datasheet Search
  English  ▼

X  

AM67X Datasheet(PDF) 189 Page - Texas Instruments

Part # AM67X
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67X Datasheet(HTML) 189 Page - Texas Instruments

Back Button AM67X Datasheet HTML 185Page - Texas Instruments AM67X Datasheet HTML 186Page - Texas Instruments AM67X Datasheet HTML 187Page - Texas Instruments AM67X Datasheet HTML 188Page - Texas Instruments AM67X Datasheet HTML 189Page - Texas Instruments AM67X Datasheet HTML 190Page - Texas Instruments AM67X Datasheet HTML 191Page - Texas Instruments AM67X Datasheet HTML 192Page - Texas Instruments AM67X Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 237 page
background image
6.9.5.18.1.10 UHS–I SDR104 Mode
Table 6-98 and Figure 6-83 present switching characteristics for MMC0 – UHS-I SDR104 Mode.
Table 6-98. Switching Characteristics for MMC0 – UHS-I SDR104 Mode
see Figure 6-83
NO.
PARAMETER
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMC0_CLK
200
MHz
SDR1045
tc(clk)
Cycle time, MMC0_CLK
5
ns
SDR1046
tw(clkH)
Pulse duration, MMC0_CLK high
2.12
ns
SDR1047
tw(clkL)
Pulse duration, MMC0_CLK low
2.12
ns
SDR1048
td(clkL-cmdV)
Delay time, MMC0_CLK rising edge to MMC0_CMD transition
1.07
3.21
ns
SDR1049
td(clkL-dV)
Delay time, MMC0_CLK rising edge to MMC0_DAT[3:0] transition
1.07
3.21
ns
MMC[ ]_CLK
x
MMC
CMD
[ ]_
x
MMC
DAT
[ ]_
[3:0]
x
SDR1045
SDR1047
SDR1046
SDR1048
SDR1049
SDR1048
SDR1049
Figure 6-83. MMC0 – UHS-I SDR104 – Transmit Mode
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
189
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com