Electronic Components Datasheet Search
  English  ▼

X  

AM67X Datasheet(PDF) 215 Page - Texas Instruments

Part # AM67X
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67X Datasheet(HTML) 215 Page - Texas Instruments

Back Button AM67X Datasheet HTML 211Page - Texas Instruments AM67X Datasheet HTML 212Page - Texas Instruments AM67X Datasheet HTML 213Page - Texas Instruments AM67X Datasheet HTML 214Page - Texas Instruments AM67X Datasheet HTML 215Page - Texas Instruments AM67X Datasheet HTML 216Page - Texas Instruments AM67X Datasheet HTML 217Page - Texas Instruments AM67X Datasheet HTML 218Page - Texas Instruments AM67X Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 237 page
background image
7 Detailed Description
7.1 Overview
The AM67x scalable processor family is based on the evolutionary Jacinto™ 7 architecture, targeted at Smart
Vision Camera and General Compute applications and built on extensive market knowledge accumulated over
a decade of TI’s leadership in the Vision processor market. The AM67x family is built for a broad set of
cost-sensitive high performance compute applications in factory automation, building automation, and other
markets.
Key features and benefits:
• Focus on innovation and fast development with Linux® and Android™ SDKs accompanied with real-time
functional safety and security SDKs.
• Address next wave of HMI designs with new generation of 3D GPU and 4K video acceleration.
• Enhance your design connectivity with an extensive set of automotive and high-speed IOs, including: 4x
CAN-FD, 3-port Gigabit Ethernet switch (two external ports) with TSN support, and two USB2.0 ports.
• Supports the latest cybersecurity requirements with the built-in Hardware Security Module (HSM).
• Provides intelligent features, such as: facial recognition and touchless HMI with Arm® Cortex®-A53 CPUs
and open-source AI software and tools
The AM67x processors comply with the AEC - Q100 automotive standard and support industrial-grade. ASIL-B
and SIL-2 functional safety requirements can be addressed using an integrated Arm Cortex-R5F core and
dedicated peripherals, which can all be isolated from the rest of the processor.
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
215
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com