Electronic Components Datasheet Search
  English  ▼

X  

AM67X Datasheet(PDF) 235 Page - Texas Instruments

Part # AM67X
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67X Datasheet(HTML) 235 Page - Texas Instruments

Back Button AM67X Datasheet HTML 229Page - Texas Instruments AM67X Datasheet HTML 230Page - Texas Instruments AM67X Datasheet HTML 231Page - Texas Instruments AM67X Datasheet HTML 232Page - Texas Instruments AM67X Datasheet HTML 233Page - Texas Instruments AM67X Datasheet HTML 234Page - Texas Instruments AM67X Datasheet HTML 235Page - Texas Instruments AM67X Datasheet HTML 236Page - Texas Instruments AM67X Datasheet HTML 237Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 235 / 237 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
594X (
0.35)
(0.65) TYP
(0.65) TYP
(
0.35)
METAL
0.07 MAX
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(
0.35)
SOLDER MASK
OPENING
0.07 MIN
FCBGA - 2.473 mm max height
AMW0594A
BALL GRID ARRAY
4229875/A 07/2023
NOTES: (continued)
4. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For more information, see Texas Instruments literature number SPRU811 (www.ti.com/lit/spru811).
PKG
PKG
LAND PATTERN EXAMPLE
EXPOSED METAL SNOWN
SCALE:6X
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
2 3
4
5
6
7
8
9
10 11 12 13 14
R
T
15 16
U
V
W
Y
AA
AB
17 18 19 20 21 22 23 24 25 26 27
AC
AD
AE
AF
AG
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
NOT TO SCALE
EXPOSED METAL
SOLDER MASK
DEFINED
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com