Electronic Components Datasheet Search
  English  ▼

X  

CD74AC174M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC174M
Description  CD74AC174 Hex D-type Flip-Flop with Clear
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC174M Datasheet(HTML) 2 Page - Texas Instruments

  CD74AC174M Datasheet HTML 1Page - Texas Instruments CD74AC174M Datasheet HTML 2Page - Texas Instruments CD74AC174M Datasheet HTML 3Page - Texas Instruments CD74AC174M Datasheet HTML 4Page - Texas Instruments CD74AC174M Datasheet HTML 5Page - Texas Instruments CD74AC174M Datasheet HTML 6Page - Texas Instruments CD74AC174M Datasheet HTML 7Page - Texas Instruments CD74AC174M Datasheet HTML 8Page - Texas Instruments CD74AC174M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Table of Contents
1 Features............................................................................1
2 Application....................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics.............................................5
5.6 Timing Requirements, VCC = 1.5 V............................. 5
5.7 Timing Requirements, VCC = 3.3 V ± 0.3 V.................6
5.8 Timing Requirements, VCC = 5 V ± 0.5 V....................6
5.9 Switching Characteristics, VCC = 1.5 V....................... 6
5.10 Switching Characteristics, VCC = 3.3 V ± 0.3 V.........6
5.11 Switching Characteristics, VCC = 5 V ± 0.5 V............7
5.12 Operating Characteristics......................................... 7
6 Parameter Measurement Information............................ 8
7 Detailed Description......................................................10
7.1 Overview................................................................... 10
7.2 Functional Block Diagram......................................... 10
7.3 Device Functional Modes..........................................10
8 Application and Implementation.................................. 11
8.1 Power Supply Recommendations............................. 11
8.2 Layout....................................................................... 11
9 Device and Documentation Support............................12
9.1 Documentation Support (Analog)..............................12
9.2 Receiving Notification of Documentation Updates....12
9.3 Support Resources................................................... 12
9.4 Trademarks...............................................................12
9.5 Electrostatic Discharge Caution................................12
9.6 Glossary....................................................................12
10 Revision History.......................................................... 12
11 Mechanical, Packaging, and Orderable
Information.................................................................... 13
CD74AC174
SCHS346C – APRIL 2003 – REVISED OCTOBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD74AC174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com