Electronic Components Datasheet Search
  English  ▼

X  

IRF7401PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7401PBF
Description  HEXFET짰 Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7401PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7401PBF Datasheet HTML 1Page - International Rectifier IRF7401PBF Datasheet HTML 2Page - International Rectifier IRF7401PBF Datasheet HTML 3Page - International Rectifier IRF7401PBF Datasheet HTML 4Page - International Rectifier IRF7401PBF Datasheet HTML 5Page - International Rectifier IRF7401PBF Datasheet HTML 6Page - International Rectifier IRF7401PBF Datasheet HTML 7Page - International Rectifier IRF7401PBF Datasheet HTML 8Page - International Rectifier IRF7401PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
PD - 95724
l
Generation V Technology
l
Ultra Low On-Resistance
l
N-Channel Mosfet
l
Surface Mount
l
Available in Tape & Reel
l
Dynamic dv/dt Rating
l
Fast Switching
l
Lead-Free
Description
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
powerapplications. Withtheseimprovements,multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
IRF7401PbF
SO-8
VDSS = 20V
RDS(on) = 0.022Ω
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ 4.5V
10
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
8.7
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
7.0
IDM
Pulsed Drain Current 
35
PD @TA = 25°C
Power Dissipation
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
8/10/04
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient„
–––
50
°C/W


Similar Part No. - IRF7401PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7401PBF IRF-IRF7401PBF Datasheet
202Kb / 9P
ULTRA LOW ON RESISTANCE
IRF7401PBF-1 IRF-IRF7401PBF-1 Datasheet
241Kb / 9P
Industry-standard pinout SO-8 Package
IRF7401PBF-1 IRF-IRF7401PBF-1_15 Datasheet
241Kb / 9P
Industry-standard pinout SO-8 Package
IRF7401PBF IRF-IRF7401PBF_15 Datasheet
202Kb / 9P
ULTRA LOW ON RESISTANCE
More results

Similar Description - IRF7401PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
HEXFET짰 Power MOSFET
IRF9510PBF IRF-IRF9510PBF Datasheet
1Mb / 8P
HEXFET짰 Power MOSFET
IRF820PBF IRF-IRF820PBF Datasheet
3Mb / 7P
HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com