Electronic Components Datasheet Search
  English  ▼

X  

IRFBE30S Datasheet(PDF) 2 Page - International Rectifier

Part # IRFBE30S
Description  HEXFET짰 Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBE30S Datasheet(HTML) 2 Page - International Rectifier

  IRFBE30S Datasheet HTML 1Page - International Rectifier IRFBE30S Datasheet HTML 2Page - International Rectifier IRFBE30S Datasheet HTML 3Page - International Rectifier IRFBE30S Datasheet HTML 4Page - International Rectifier IRFBE30S Datasheet HTML 5Page - International Rectifier IRFBE30S Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IRFBE30S/IRFBE30L
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ V
DD=50V, starting TJ = 25°C, L=29mH, RG=25Ω
,
IAS = 4.1A. (See Figure 12).
ƒ I
SD ≤ 4.1A, di/dt ≤ 100A/µs, VDD ≤ 600,
TJ ≤ 150°C.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
S
D
G
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage800
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.90
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
3.0
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
gfs
Forward Transconductance
2.5
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
100
µA
–––
–––
500
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage–––
–––
-100
Qg
Total Gate Charge
–––
–––
78
nC
Qgs
Gate-to-Source Charge–––
–––
9.6
Qgd
Gate-to-Drain ("Miller") Charge–––
–––
45
td(on)
Turn-On Delay Time
–––
12
–––
tr
Rise Time
–––
33
–––
ns
td(off)
Turn-Off Delay Time
–––
82
–––
tf
Fall Time
–––
30
–––
LD
Internal Drain Inductance
–––
4.5
–––
nH
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
1300
–––
Coss
Output Capacitance
–––
310
–––
pF
Crss
Reverse Transfer Capacitance
–––
190
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
4.1
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
16
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.8
V
trr
Reverse Recovery Time
–––
480
720
ns
Qrr
Reverse Recovery Charge
–––
1.8
2.7
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 2.5A
f
VDS = VGS, ID = 250µA
VDS = 800V, VGS = 0V
VDS = 640V, VGS = 0V, TJ = 125°C
RG = 12Ω
ID = 4.1A
VDS = 100V, ID = 2.5A
VDD = 400V
ID = 4.1A
VGS = 20V
VGS = -20V
TJ = 25°C, IF = 4.1A
di/dt = 100A/µs
f
TJ = 25°C, IS = 4.1A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
MOSFET symbol
VGS = 0V
VDS = 25V
Conditions
VDS = 400V
VGS = 10V, See Fig. 6 & 13
f
ƒ = 1.0MHz, See Fig. 5
RD = 95Ω, See Fig. 10
f



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com