Electronic Components Datasheet Search
  English  ▼

X  

LT8337 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8337
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8337 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8337 Datasheet HTML 9Page - Analog Devices LT8337 Datasheet HTML 10Page - Analog Devices LT8337 Datasheet HTML 11Page - Analog Devices LT8337 Datasheet HTML 12Page - Analog Devices LT8337 Datasheet HTML 13Page - Analog Devices LT8337 Datasheet HTML 14Page - Analog Devices LT8337 Datasheet HTML 15Page - Analog Devices LT8337 Datasheet HTML 16Page - Analog Devices LT8337 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
13 of 29
THEORY OF OPERATION
The LT8349 is a dual-phase, adjustable frequency synchronous boost converter. Referring to the Block Diagram, the
LT8349 uses a fixed frequency, current mode control scheme to provide excellent line and load regulation. The
Switching Logic and Gate Drivers block turns on channel 1’s power switch M1 at the start of each CLK1 cycle and
turns on channel 2’s power switch M3 at the start of each CLK2 cycle. CLK1 and CLK2 are 180° out-of-phase, generated
by the Oscillator. During the M1 switch on-phase, the inductor current IL1flows through M1. A signal ISEN1 proportional
to the M1 switch current is added to a stabilizing slope compensation ramp RAMP1 and the resulting sum is fed into
the positive terminal of the PWM comparator ICOMP1. The voltage at the negative input of ICOMP1, labeled “VC”, is
set by the error amplifier EA and is an amplified version of the difference between the feedback voltage FB and the
reference voltage (1V). During the M1 on-phase, IL1 increases. When the signal at the positive input of ICOMP1 exceeds
VC, ICOMP1 sends out a signal ITRIP1 to the Switching Logic and Gate Drivers block to turn off M1. When M1 turns off,
the synchronous power switch M2 turns on until the next CLK1 cycle begins or inductor current IL1 falls to zero (in
Burst Mode operation only). During the M1 off-phase and the M2 on-phase, IL1decreases. Channel 2 operation follows
Channel 1. IL1 and IL2 are designed to match each other (except they are 180° out-of-phase). Through this repetitive
action, the EA sets the correct IL1 and IL2 peak current level to keep the VOUTin regulation.
Multiphase Operation
The LT8349 uses a dual-phase architecture with two phases equally spaced 180° apart, rather than the conventional
single phase of other boost converters. Although this architecture requires two inductors, rather than a single
inductor, there are several important advantages.
Substantially lower peak inductor current allows the use of smaller inductors.
Significantly reduced output ripple current minimizes output capacitance requirement.
Higher frequency output ripple is easier to filter for low noise applications.
Input ripple current is reduced for lower noise on VIN.
The peak inductor current, reduced nearly by a factor of 2 compared to a single-phase boost converter, is given by:
ILPEAK ≅
1
2
•
IO
1 − D
+
∆IL
2
where IO is the average load current, D is the PWM duty cycle, and ΔIL is the inductor ripple current. With 2-phase
operation, one of the phases is always delivering current to the load whenever VIN is greater than one-half VOUT (duty
cycles less than 50%). As the duty cycle decreases further, load current delivery between the two phases begins to
overlap, occurring simultaneously for a growing portion of each phase as the duty cycle approaches zero. This
significantly reduces both the output ripple current and the peak current in each inductor, when compared with a
single-phase converter. The comparison of output ripple current with single phase and dual phase boost converter
operating at 50% duty cycle is shown graphically in Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com