Electronic Components Datasheet Search
  English  ▼

X  

P3GA-11 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # P3GA-11
Description  Solid-state Multi-functional Timer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P3GA-11 Datasheet(HTML) 5 Page - Omron Electronics LLC

  P3GA-11 Datasheet HTML 1Page - Omron Electronics LLC P3GA-11 Datasheet HTML 2Page - Omron Electronics LLC P3GA-11 Datasheet HTML 3Page - Omron Electronics LLC P3GA-11 Datasheet HTML 4Page - Omron Electronics LLC P3GA-11 Datasheet HTML 5Page - Omron Electronics LLC P3GA-11 Datasheet HTML 6Page - Omron Electronics LLC P3GA-11 Datasheet HTML 7Page - Omron Electronics LLC P3GA-11 Datasheet HTML 8Page - Omron Electronics LLC P3GA-11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Solid-state Multi-functional Timer
H3CR-A
B-113
I Characteristics
Note: 1. The value is
±5% FS +100 ms to −0 ms max. when the C, D, or G mode signal of the H3CR-AP is OFF.
2. Refer to the Life-test Curve.
Accuracy of operating
time
±0.2% FS max. (±0.2%±10 ms max. in a range of 1.2 s)
Setting error
±5% FS ±50 ms (see note 1)
Reset time
Min. power-opening time: 0.1 s max.
Min. pulse width:
0.05 s (H3CR-A/-AS)
Reset voltage
10% max. of rated supply voltage
Influence of voltage
±0.2% FS max. (±0.2%±10 ms max. in a range of 1.2 s)
Influence of tempera-
ture
±1% FS max. (±1%±10 ms max. in a range of 1.2 s)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC (1,000 VAC for H3CR-A
@S), 50/60 Hz for 1 min (between current-carrying metal parts and exposed non-
current-carrying metal parts)
2,000 VAC (1,000 VAC for H3CR-A
@S), 50/60 Hz for 1 min (between control output terminals and operating circuit)
2,000 VAC, 50/60 Hz for 1 min (between contacts of different polarities)
1,000 VAC, 50/60 Hz for 1 min (between contacts not located next to each other)
2,000 VAC, 50/60 Hz for 1 min (between input and control output terminals and operation circuit) for H3CR-AP
Impulse withstand
voltage
3 kV (between power terminals) for 100 to 240 VAC/100 to 125 VDC, 1 kV for 24 to 48 VAC/12 to 48 VDC
4.5 kV (between current-carrying terminal and exposed non-current-carrying metal parts) for 100 to 240 VAC/100 to
125 VDC, 1.5 kV for 24 to 48 VAC/12 to 48 VDC and 24 to 48 VAC/VDC
Noise immunity
±1.5 kV (between power terminals) and ±600 V (between no-voltage input terminals), square-wave noise by noise sim-
ulator (pulse width: 100 ns/1
µs, 1-ns rise)
Static immunity
Malfunction: 8 kV
Destruction: 15 kV
Vibration resistance
Destruction: 10 to 55 Hz with 0.75-mm single amplitude each in 3 directions for 2 hours each
Malfunction: 10 to 55 Hz with 0.5-mm single amplitude each in 3 directions for 10 minutes each
Shock resistance
Destruction: 1,000 m/s2 3 times each in 6 directions
Malfunction: 100 m/s2 3 times each in 6 directions
Ambient temperature
Operating:
−10°C to 55°C (with no icing)
Storage:
−25°C to 65°C (with no icing)
Ambient humidity
Operating:
35% to 85%
Life expectancy
Mechanical: 20,000,000 operations min. (under no load at 1,800 operations/h)
Electrical:
100,000 operations min. (5 A at 250 VAC, resistive load at 1,800 operations/h) (see note 2)
EMC
(EMI)
EN61812-1
Emission Enclosure:
EN55011 Group 1 class A
Emission AC Mains:
EN55011 Group 1 class A
(EMS)
EN61812-1
Immunity ESD:
IEC61000-4-2:
6 kV contact discharge (level 3)
8 kV air discharge (level 3)
Immunity RF-interference from AM Radio Waves:
IEC61000-4-3:10 V/m (80 MHz to 1 GHz) (level 3)
Immunity RF-interference from Pulse-modulated Radio Waves:IEC61000-4-3:10 V/m (900
±5 MHz) (level 3)
Immunity Conducted Disturbance: IEC61000-4-6:
10 V (0.15 to 80 MHz) (level 3)
Immunity Burst:
IEC61000-4-4:
2 kV power-line (level 3)
2 kV I/O signal-line (level 4)
Immunity Surge:
IEC61000-4-5:
1 kV line to line (level 3)
2 kV line to ground (level 3)
Case color
Light gray (Munsell 5Y7/1)
Degree of protection
IP40 (panel surface)
Weight
Approx. 90 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com