Electronic Components Datasheet Search
  English  ▼

X  

SM706 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # SM706
Description  SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

SM706 Datasheet(HTML) 2 Page - Polyfet RF Devices

  SM706 Datasheet HTML 1Page - Polyfet RF Devices SM706 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S1A6DIE ID&GMVsVG
1.00
10.00
100.00
0
2
4
6
8
10
12
14
Vgs inVolts
Id
gM
S1A 6 DICE CAPACITANCE
10
100
1000
0
5
10
15
20
25
30
VDS IN VOLTS
Coss
Ciss
Crss
SM706 Pin vs Pout Freq=175MHz,
Vds=28Vdc, Idq=.8A
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
14
16
18
20
Pin in Watts
9
10
11
12
13
14
Pout
Gain
Efficiency@120W = 72%
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
Zin Zout
PACKAGE DIMENSIONS IN INCHES
SM706
S1A 6 DIE IV
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8
10
12
14
16
18
20
VDSINVOLTS
vg=2v
Vg=4v
Vg=6v
vg=8v
0
vg=12v
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
REVISION
01/28/2002
Tolerance .XX +/-0.01
.XXX +/-.005 inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com