Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4015 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4015
Description  High Speed CMOS Logic Dual 4-Stage Static Shift Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4015 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC4015 Datasheet HTML 1Page - Texas Instruments CD54HC4015 Datasheet HTML 2Page - Texas Instruments CD54HC4015 Datasheet HTML 3Page - Texas Instruments CD54HC4015 Datasheet HTML 4Page - Texas Instruments CD54HC4015 Datasheet HTML 5Page - Texas Instruments CD54HC4015 Datasheet HTML 6Page - Texas Instruments CD54HC4015 Datasheet HTML 7Page - Texas Instruments CD54HC4015 Datasheet HTML 8Page - Texas Instruments CD54HC4015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS198C
Features
• Maximum Frequency, Typically 60MHz
CL = 15pF, VCC = 5V, TA = 25
oC
• Positive-Edge Clocking
• Overriding Reset
• Buffered Inputs and Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
Description
The ’HC4015 consists of two identical, independent, 4-stage
serial-input/parallel-output
registers.
Each
register
has
independent Clock (CP) and Reset (MR) inputs as well as a
single serial Data input. “Q” outputs are available from each
of the four stages on both registers. All register stages are D-
type, master-slave flip-flops. The logic level present at the
Data input is transferred into the first register stage and
shifted over one stage at each positive- going clock
transition. Resetting of all stages is accomplished by a high
level on the reset line.
The device can drive up to 10 low power Schottky equivalent
loads. The ’HC4015 is an enhanced version of equivalent
CMOS types.
Pinout
CD54HC4015
(CERDIP)
CD74HC4015
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54HC4015F3A
-55 to 125
16 Ld CERDIP
CD74HC4015E
-55 to 125
16 Ld PDIP
CD74HC4015M
-55 to 125
16 Ld SOIC
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
2CP
2Q3
1Q2
1Q1
1Q0
1MR
GND
1D
VCC
2MR
2Q0
2Q1
2Q2
1Q3
1CP
2D
November 1997 - Revised May 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC4015, CD74HC4015
High Speed CMOS Logic
Dual 4-Stage Static Shift Register
[ /Title
(CD74
HC401
5)
/Sub-
ject
(High
Speed
CMOS
Logic
Dual
4-


Similar Part No. - CD54HC4015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4015 TI-CD54HC4015 Datasheet
260Kb / 5P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
CD54HC4015 TI-CD54HC4015 Datasheet
377Kb / 11P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
CD54HC4015 TI2-CD54HC4015 Datasheet
312Kb / 12P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
Revised May 2003
CD54HC4015F3A TI-CD54HC4015F3A Datasheet
260Kb / 5P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
CD54HC4015F3A TI-CD54HC4015F3A Datasheet
377Kb / 11P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
More results

Similar Description - CD54HC4015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4015 TI-CD74HC4015 Datasheet
38Kb / 6P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
CD54HC4015 TI-CD54HC4015 Datasheet
260Kb / 5P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
CD4015B TI-CD4015B Datasheet
521Kb / 11P
CMOS Dual 4-Stage Static Shift Register
CD54HC4015 TI-CD54HC4015_08 Datasheet
377Kb / 11P
High Speed CMOS Logic Dual 4-Stage Static Shift Register
logo
Unisonic Technologies
UCD4015 UTC-UCD4015 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015 UTC-UCD4015_15 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_15 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI1-CD4015B_15 Datasheet
884Kb / 15P
CMOS Dual 4-stage Static Shift Register
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com