Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4017 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4017
Description  High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4017 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC4017 Datasheet HTML 1Page - Texas Instruments CD54HC4017 Datasheet HTML 2Page - Texas Instruments CD54HC4017 Datasheet HTML 3Page - Texas Instruments CD54HC4017 Datasheet HTML 4Page - Texas Instruments CD54HC4017 Datasheet HTML 5Page - Texas Instruments CD54HC4017 Datasheet HTML 6Page - Texas Instruments CD54HC4017 Datasheet HTML 7Page - Texas Instruments CD54HC4017 Datasheet HTML 8Page - Texas Instruments CD54HC4017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS200D
Features
• Fully Static Operation
• Buffered Inputs
• Common Reset
• Positive Edge Clocking
• Typical fMAX = 50MHz at VCC =5V, CL = 15pF, TA =25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
Description
The ’HC4017 is a high speed silicon gate CMOS 5-stage
Johnson counter with 10 decoded outputs. Each of the
decoded outputs is normally low and sequentially goes high
on the low to high transition clock period of the 10 clock
period cycle. The CARRY (TC) output transitions low to high
after OUTPUT 10 goes from high to low, and can be used in
conjunction with the CLOCK ENABLE (CE) to cascade
several stages. The CLOCK ENABLE input disables
counting when in the high state. A RESET (MR) input is also
provided which when taken high sets all the decoded
outputs, except “0”, low.
The device can drive up to 10 low power Schottky equivalent
loads.
Pinout
CD54HC4017 (CERDIP)
CD74HC4017 (PDIP, SOIC, SOP, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4017F3A
-55 to 125
16 Ld CERDIP
CD74HC4017E
-55 to 125
16 Ld PDIP
CD74HC4017M
-55 to 125
16 Ld SOIC
CD74HC4017MT
-55 to 125
16 Ld SOIC
CD74HC4017M96
-55 to 125
16 Ld SOIC
CD74HC4017NSR
-55 to 125
16 Ld SOP
CD74HC4017PW
-55 to 125
16 Ld TSSOP
CD74HC4017PWR
-55 to 125
16 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
5
1
0
2
6
7
GND
3
VCC
CP
CE
TC
9
4
8
MR
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC4017, CD74HC4017
High-Speed CMOS Logic
Decade Counter/Divider with 10 Decoded Outputs
[ /Title
(CD74
HC401
7)
/Sub-
ject
(High
Speed
CMOS
Logic
Decade
Counte


Similar Part No. - CD54HC4017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4017 TI-CD54HC4017 Datasheet
347Kb / 14P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD54HC4017 TI-CD54HC4017 Datasheet
528Kb / 16P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD54HC4017 TI2-CD54HC4017 Datasheet
275Kb / 12P
DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
MAY 1999
CD54HC4017 TI2-CD54HC4017 Datasheet
422Kb / 16P
HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
DECEMBER 2003
CD54HC4017 TI2-CD54HC4017 Datasheet
384Kb / 15P
HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
REVISED APRIL 2008
More results

Similar Description - CD54HC4017

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Texas Instruments
CD74HC4017 TI-CD74HC4017 Datasheet
48Kb / 7P
High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
Decade Counter/Divider with 10 Decoded Outputs
logo
Texas Instruments
CD54HC4017 TI-CD54HC4017 Datasheet
347Kb / 14P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Texas Instruments
CD54HC4017 TI-CD54HC4017_08 Datasheet
528Kb / 16P
High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
CD74HC4017-Q1 TI1-CD74HC4017-Q1 Datasheet
320Kb / 14P
HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com